Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS673-01 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS673-01
Description  PLL BUILDING BLOCK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS673-01 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS673-01 Datasheet HTML 1Page - Renesas Technology Corp ICS673-01 Datasheet HTML 2Page - Renesas Technology Corp ICS673-01 Datasheet HTML 3Page - Renesas Technology Corp ICS673-01 Datasheet HTML 4Page - Renesas Technology Corp ICS673-01 Datasheet HTML 5Page - Renesas Technology Corp ICS673-01 Datasheet HTML 6Page - Renesas Technology Corp ICS673-01 Datasheet HTML 7Page - Renesas Technology Corp ICS673-01 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PLL BUILDING BLOCK
MDS 673-01 L
2
Revision 051310
www.idt.com
ICS673-01
Pin Assignment
VCO Predivide Select Table
0 = connect pin directly to ground
1 = connect pin directly to VDD
Pin Descriptions
12
1
11
2
10
FB IN
RE F IN
3
9
VD D
4
VD D
NC
5
GN D
6
CL K 1
7
GN D
8
GN D
CL K 2
PD
SEL
CH G P
OE
VC O IN
CA P
16
15
14
13
16 p in narro w (150 m il) S O IC
SEL
VCO Predivide
04
11
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
FBIN
Input
Feedback clock input. Connect the feedback clock to this pin. Falling
edge triggered.
2
VDD
Power
Connect to +3.3 V or +5 V and to VDD on pin 3.
3
VDD
Power
Connect to VDD on pin 2.
4
GND
Power
Connect to ground.
5
GND
Power
Connect to ground.
6
GND
Power
Connect to ground.
7
CHGP
Output
Charge pump output. Connect to VCOIN under normal operation.
8
VCOIN
Input
Input to internal VCO.
9
CAP
Input
Loop filter return.
10
OE
Input
Output enable. Active when high. Tri-states both outputs when low.
11
SEL
Input
Select pin for VCO predivide to feedback divider per table above.
12
PD
Input
Power down. Turns off entire chip when pin is low. Outputs stop low.
13
CLK2
Output
Clock output 2. Low skew divide by two version of CLK1.
14
CLK1
Output
Clock output 1.
15
NC
-
No connect. Nothing is connected internally to this pin.
16
REFIN
Input
Reference input. Connect reference clock to this pin. Falling edge is
triggered.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com