Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS673-01 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS673-01
Description  PLL BUILDING BLOCK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS673-01 Datasheet(HTML) 6 Page - Renesas Technology Corp

  ICS673-01 Datasheet HTML 1Page - Renesas Technology Corp ICS673-01 Datasheet HTML 2Page - Renesas Technology Corp ICS673-01 Datasheet HTML 3Page - Renesas Technology Corp ICS673-01 Datasheet HTML 4Page - Renesas Technology Corp ICS673-01 Datasheet HTML 5Page - Renesas Technology Corp ICS673-01 Datasheet HTML 6Page - Renesas Technology Corp ICS673-01 Datasheet HTML 7Page - Renesas Technology Corp ICS673-01 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PLL BUILDING BLOCK
MDS 673-01 L
6
Revision 051310
www.idt.com
ICS673-01
might be 0.5 V below VDD. Hysteresis should be added
to the circuit by connecting R4.
The CLK output frequency may be up to 2x the
maximum Output Clock Frequency listed in the AC
Electrical Characteristics above when the device is in
an unlocked condition. Make sure that the external
divider can operate up to this frequency.
Explanation of Operation
The ICS673-01 is a PLL building block circuit that
includes an integrated VCO with a wide operating
range. The device uses external PLL loop filter
components which through proper configuration allow
for low input clock reference frequencies, such as a
15.7 kHz Hsync input.
The phase/frequency detector compares the falling
edges of the clocks inputted to FBIN and REFIN. It then
generates an error signal to the charge pump, which
produces a charge proportional to this error. The
external loop filter integrates this charge, producing a
voltage that then controls the frequency of the VCO.
This process continues until the edges of FBIN are
aligned with the edges of the REFIN clock, at which
point the output frequency will be locked to the input
frequency.
Figure 3. Example Configuration -- Generating a 20 MHz clock from a 200 kHz reference.
Figure 2. Using an External Comparator
to Reset the VCO
CHGP VCOIN
R
Z
C
1
C
2
CAP
+
-
R
4
R
2
R
3
PD
ICS673-01
REFIN
+3.3 or 5 V
SEL
VDD
0.01
μF
FBIN
200 kHz
100
Digital Divider
such as ICS674-01
GND
CLK2
CAP
20 MHz
VCOIN
C
1
R
Z
C
2
200 kHz
OE PD
40 MHz
CLK1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com