Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS673-01 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS673-01
Description  PLL BUILDING BLOCK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS673-01 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS673-01 Datasheet HTML 1Page - Renesas Technology Corp ICS673-01 Datasheet HTML 2Page - Renesas Technology Corp ICS673-01 Datasheet HTML 3Page - Renesas Technology Corp ICS673-01 Datasheet HTML 4Page - Renesas Technology Corp ICS673-01 Datasheet HTML 5Page - Renesas Technology Corp ICS673-01 Datasheet HTML 6Page - Renesas Technology Corp ICS673-01 Datasheet HTML 7Page - Renesas Technology Corp ICS673-01 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PLL BUILDING BLOCK
MDS 673-01 L
4
Revision 051310
www.idt.com
ICS673-01
AC Electrical Characteristics
VDD = 3.3V ±5%, Ambient Temperature -40 to +85
° C, CLOAD at CLK = 15 pF, unless stated otherwise
VDD = 5.0V ±10%, Ambient Temperature -40 to +85
° C, CLOAD at CLK = 15 pF, unless stated otherwise
Note 1: Minimum input frequency is limited by loop filter design. 1 kHz is a practical minimum limit.
External Components
The ICS673-01 requires a minimum number of external
components for proper operation. A decoupling
capacitor of 0.01
μF should be connected between VDD
and GND as close to the ICS673-01 as possible. A
series termination resistor of 33
Ω may be used at the
clock output.
Special considerations must be made in choosing loop
components CS and CP. These can be found online at
http://www.idt.com
Avoiding PLL Lockup
In some applications, the ICS673-01 can “lock up” at
the maximum VCO frequency. This is usually caused
by power supply glitches or a very slow power supply
ramp. This situation also occurs if the external divider
starts to fail at high input frequencies. The usual failure
mode of a divider circuit is that the output of the divider
begins to miss clock edges. The phase detector
interprets this as a too low output frequency and
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Clock Frequency
(from pin CLK)
fCLK
SEL = 1
1
100
MHz
SEL = 0
0.25
25
MHz
Input Clock Frequency
(into pins REFIN or FBIN)
fREF
Note 1
8
MHz
Output Rise Time
tOR
0.8 to 2.0V
1.2
2
ns
Output Fall Time
tOF
2.0 to 0.8V
0.75
1.5
ns
Output Clock Duty Cycle
tDC
At VDD/2
40
50
60
%
Jitter, Absolute peak-to-peak
tJ
250
ps
VCO Gain
KO
190
MHz/V
Charge Pump Current
Icp
2.5
μA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Clock Frequency
(from pin CLK)
fCLK
SEL = 1
1
120
MHz
SEL = 0
0.25
30
MHz
Input Clock Frequency
(into pins REFIN or FBIN)
fREF
Note 1
8
MHz
Output Rise Time
tOR
0.8 to 2.0V
0.5
1
ns
Output Fall Time
tOF
2.0 to 0.8V
0.5
1
ns
Output Clock Duty Cycle
tDC
At VDD/2
45
50
55
%
Jitter, Absolute peak-to-peak
tJ
150
ps
VCO Gain
KO
190
MHz/V
Charge Pump Current
Icp
2.4
μA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com