Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS673-01 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS673-01
Description  PLL Building Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS673-01 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS673-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS673-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS673-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS673-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS673-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS673-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS673-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS673-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS673-01 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ICS673-01
PLL Building Block
MDS 673-01 D
6
Revision 022500
Printed 11/15/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126•(408)295-9800tel • www.icst.com
Figure 2. VCO Frequency vs Input Voltage at VDD = 5 V.
Figure 3. VCO Frequency vs Input Voltage at VDD = 3.3 V.
0
20
40
60
80
100
120
140
160
180
200
VCOIN
(V)
Nominal
Minimum
Characterization Value
Specification Limit
0
50
100
150
200
250
VCOIN
(V)
Nominal
Minimum Characterization Value
Specification Limit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com