Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS673-01 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS673-01
Description  PLL Building Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS673-01 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS673-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS673-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS673-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS673-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS673-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS673-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS673-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS673-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS673-01 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ICS673-01
PLL Building Block
MDS 673-01 D
3
Revision 022500
Printed 11/15/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126•(408)295-9800tel • www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (n
note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
ICS673M-01
0
70
°C
ICS673M-01I
-40
85
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 5.0 V unless noted)
Operating Voltage, VDD
3.13
5.50
V
Input High Voltage
All except VCOIN
2
V
Input Low Voltage
All except VCOIN
0.8
V
Input High Voltage
VCOIN
VDD
V
Input Low Voltage
VCOIN
0
V
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
Output High Voltage, VOH, CMOS level
IOH=-8mA
VDD-0.4
V
Operating Supply Current, IDD
No Load,CLK1=40MHz
15
mA
Power Down Supply Current, IDDPD
No Load
6
µA
Short Circuit Current
Each output
±100
mA
Input Capacitance
OE, PD, SEL
5
pF
AC CHARACTERISTICS (VDD = 5.0 V
V unless noted)
Output Clock Frequency (4.5 to 5.5 V)
CLK1 with SEL=1
2
135
MHz
Output Clock Frequency (3.13 to 3.46 V)
CLK1 with SEL=1
2
100
MHz
CLK1 and CLK2 skew
Rising edges at VDD/2
500
ps
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle
At VDD/2
45
50
55
%
VCO Gain, Kv
95
MHz/V
Charge Pump Current, Ic
2.4
µA
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com