Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS663 Datasheet (PDF) - Integrated Device Technology

ICS663 Datasheet PDF - Integrated Device Technology
Part # ICS663
Download  ICS663 Download
File Size   218.91 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PLL BUILDING BLOCK Phase detector and VCO blocks can be used Lower power CMOS process

ICS663 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS663 Datasheet PDF - Integrated Device Technology

Part # ICS663
Download  ICS663 Click to download

File Size   218.91 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PLL BUILDING BLOCK Phase detector and VCO blocks can be used Lower power CMOS process

ICS663 Datasheet (HTML) - Integrated Device Technology


ICS663 Product details

Description
The ICS663 is a low cost Phase-Locked Loop (PLL) designed for clock synthesis and synchronization. Included on the chip are the phase detector, charge pump, Voltage Controlled Oscillator (VCO) and an output buffer. Through the use of external reference and VCO dividers (implemented with the ICS674-01, for example), the user can easily configure the device to lock to a wide variety of input frequencies.

Features
• Packaged in 8-pin SOIC (Pb free)
• Output clock range 1 MHz to 100 MHz (3.3 V), 1 MHz to 120 MHz (5 V)
• External PLL loop filter enables configuration for a wide range of input frequencies
• Ability to accept an input clock in the kHz range (video Hsync, for example)
• 25 mA output drive capability at TTL levels
• Lower power CMOS process
• +3.3 V ±5% or +5 V ±10% operating voltage
• Used along with the ICS674-01, forms a complete PLL circuit
• Phase detector and VCO blocks can be used independently for other PLL configurations
• Industrial temperature version available
• For better jitter performance, use the MK1575




Similar Part No. - ICS663

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS663 ICST-ICS663 Datasheet
146Kb / 7P
PLL BUILDING BLOCK
Revision 062904
ICS663M ICST-ICS663M Datasheet
146Kb / 7P
PLL BUILDING BLOCK
Revision 062904
ICS663MI ICST-ICS663MI Datasheet
146Kb / 7P
PLL BUILDING BLOCK
Revision 062904
ICS663MIT ICST-ICS663MIT Datasheet
146Kb / 7P
PLL BUILDING BLOCK
Revision 062904
ICS663MT ICST-ICS663MT Datasheet
146Kb / 7P
PLL BUILDING BLOCK
Revision 062904
More results


Similar Description - ICS663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
VIF-PLL demodulator and FM-PLL detector
July 1994
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A Datasheet
302Kb / 26P
Phase-Locked Loop with VCO and Lock Detector
TLC2943 TI-TLC2943 Datasheet
425Kb / 27P
HIGH-PERFORMANCE DUAL PHASE-LOCKED BUILDING BLOCK
logo
Integrated Circuit Syst...
ICS673-01 ICST-ICS673-01 Datasheet
73Kb / 9P
PLL Building Block
Revision 022500
ICS663 ICST-ICS663 Datasheet
146Kb / 7P
PLL BUILDING BLOCK
Revision 062904
logo
Rohm
BU2373FV ROHM-BU2373FV Datasheet
282Kb / 6P
VCO & Phase-Detector for PLL System
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
Phase-Locked Loop with VCO and Lock Detector
logo
Linear Technology
LT1567 LINER-LT1567_15 Datasheet
209Kb / 16P
Filter Building Block
logo
Renesas Technology Corp
673-01 RENESAS-673-01 Datasheet
89Kb / 8P
PLL BUILDING BLOCK
051310
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com