Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS663 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS663
Description  PLL BUILDING BLOCK Phase detector and VCO blocks can be used Lower power CMOS process
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS663 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS663 Datasheet HTML 1Page - Integrated Device Technology ICS663 Datasheet HTML 2Page - Integrated Device Technology ICS663 Datasheet HTML 3Page - Integrated Device Technology ICS663 Datasheet HTML 4Page - Integrated Device Technology ICS663 Datasheet HTML 5Page - Integrated Device Technology ICS663 Datasheet HTML 6Page - Integrated Device Technology ICS663 Datasheet HTML 7Page - Integrated Device Technology ICS663 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ICS663
PLL BUILDING BLOCK
PLL BUILDING BLOCK
IDT™ / ICS™ PLL BUILDING BLOCK
5
ICS663
REV E 012006
External Components
The ICS663 requires a minimum number of external
components for proper operation. A decoupling capacitor of
0.01
µF should be connected between VDD and GND as
close to the ICS663 as possible. A series termination
resistor of 33
Ω may be used at the clock output.
Special considerations must be made in choosing loop
components C1 and C2:
1) The loop capacitors should be a low-leakage type to
avoid leakage-induced phase noise. For this reason, DO
NOT use any type of polarized or electrolytic capacitors.
2) Microphonics (mechanical board vibration) can also
induce output phase noise when the loop bandwidth is less
than 1 kHz. For this reason, ceramic capacitors should have
C0G or NP0 dielectric. Avoid high-K dielectrics like Z5U and
X7R. These and some other ceramics have piezoelectric
properties that convert mechanical vibration into voltage
noise that interferes with VCXO operation.
For larger loop capacitor values such as 0.1
µF or 1µF, PPS
film types made by Panasonic, or metal poly types made by
Murata or Cornell Dubilier are recommended.
For questions or changes regarding loop filter
characteristics, please contact your sales area FAE, or IDT
Applications.
Avoiding PLL Lockup
In some applications, the ICS663 can “lock up” at the
maximum VCO frequency. The way to avoid this problem is
to use an external divider that always operates correctly
regardless of the CLK output frequency. The CLK output
frequency may be up to 2x the maximum Output Clock
Frequency listed in the AC Electrical Characteristics above
when the device is in an unlocked condition. Make sure that
the external divider can operate up to this frequency.
Explanation of Operation
The ICS663 is a PLL building block circuit that includes an
integrated VCO with a wide operating range. The device
uses external PLL loop filter components which through
proper configuration allow for low input clock reference
frequencies, such as a 15.7 kHz Hsync input.
The phase/frequency detector compares the falling edges of
the clocks inputted to FBIN and REFIN. It then generates an
error signal to the charge pump, which produces a charge
proportional to this error. The external loop filter integrates
this charge, producing a voltage that then controls the
frequency of the VCO. This process continues until the
edges of FBIN are aligned with the edges of the REFIN
clock, at which point the output frequency will be locked to
the input frequency.
Figure 1. Example Configuration -- Generating a 20 MHz clock from a 200 kHz reference
RE F IN
+ 3 .3 or 5 V
VDD
S E L
0.01
µ F
FBIN
200 kH z
100
D igital D iv ider such as
IC S 674-01
GN D
CLK
LF R
20 M H z
LF
C
1
R
Z
C
2
200 kH z
IC S 663



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com