Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS663 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS663
Description  PLL BUILDING BLOCK Phase detector and VCO blocks can be used Lower power CMOS process
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS663 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS663 Datasheet HTML 1Page - Integrated Device Technology ICS663 Datasheet HTML 2Page - Integrated Device Technology ICS663 Datasheet HTML 3Page - Integrated Device Technology ICS663 Datasheet HTML 4Page - Integrated Device Technology ICS663 Datasheet HTML 5Page - Integrated Device Technology ICS663 Datasheet HTML 6Page - Integrated Device Technology ICS663 Datasheet HTML 7Page - Integrated Device Technology ICS663 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATASHEET
PLL BUILDING BLOCK
ICS663
IDT™ / ICS™ PLL BUILDING BLOCK
1
ICS663
REV E 012006
Description
The ICS663 is a low cost Phase-Locked Loop (PLL)
designed for clock synthesis and synchronization. Included
on the chip are the phase detector, charge pump, Voltage
Controlled Oscillator (VCO) and an output buffer. Through
the use of external reference and VCO dividers
(implemented with the ICS674-01, for example), the user
can easily configure the device to lock to a wide variety of
input frequencies.
The phase detector and VCO functions of the device can
also be used independently. This enables the configuration
of other PLL circuits. For example, the ICS663 phase
detector can be used to control a VCXO circuit such as the
MK3754.
For applications requiring Power Down or Output Enable
features, please refer to the ICS673-01.
Features
Packaged in 8-pin SOIC (Pb free)
Output clock range 1 MHz to 100 MHz (3.3 V), 1 MHz to
120 MHz (5 V)
External PLL loop filter enables configuration for a wide
range of input frequencies
Ability to accept an input clock in the kHz range (video
Hsync, for example)
25 mA output drive capability at TTL levels
Lower power CMOS process
+3.3 V ±5% or +5 V ±10% operating voltage
Used along with the ICS674-01, forms a complete PLL
circuit
Phase detector and VCO blocks can be used
independently for other PLL configurations
Industrial temperature version available
For better jitter performance, use the MK1575
Block Diagram
REF IN
Ph ase /
Frequency
De tecto r
VCO
4
2
SEL
LFR
LF
UP
FB IN
DO W N
I
cp
I
cp
CL K
VDD
MU X
1
0
E xternal F eedback D ivider
(such as the IC S 674-01)
C lock Input


Similar Part No. - ICS663

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS663 ICST-ICS663 Datasheet
146Kb / 7P
PLL BUILDING BLOCK
Revision 062904
ICS663M ICST-ICS663M Datasheet
146Kb / 7P
PLL BUILDING BLOCK
Revision 062904
ICS663MI ICST-ICS663MI Datasheet
146Kb / 7P
PLL BUILDING BLOCK
Revision 062904
ICS663MIT ICST-ICS663MIT Datasheet
146Kb / 7P
PLL BUILDING BLOCK
Revision 062904
ICS663MT ICST-ICS663MT Datasheet
146Kb / 7P
PLL BUILDING BLOCK
Revision 062904
More results

Similar Description - ICS663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
VIF-PLL demodulator and FM-PLL detector
July 1994
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A Datasheet
302Kb / 26P
Phase-Locked Loop with VCO and Lock Detector
TLC2943 TI-TLC2943 Datasheet
425Kb / 27P
HIGH-PERFORMANCE DUAL PHASE-LOCKED BUILDING BLOCK
logo
Integrated Circuit Syst...
ICS673-01 ICST-ICS673-01 Datasheet
73Kb / 9P
PLL Building Block
Revision 022500
ICS663 ICST-ICS663 Datasheet
146Kb / 7P
PLL BUILDING BLOCK
Revision 062904
logo
Rohm
BU2373FV ROHM-BU2373FV Datasheet
282Kb / 6P
VCO & Phase-Detector for PLL System
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
Phase-Locked Loop with VCO and Lock Detector
logo
Linear Technology
LT1567 LINER-LT1567_15 Datasheet
209Kb / 16P
Filter Building Block
logo
Renesas Technology Corp
673-01 RENESAS-673-01 Datasheet
89Kb / 8P
PLL BUILDING BLOCK
051310
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com