Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS663 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS663
Description  PLL BUILDING BLOCK Phase detector and VCO blocks can be used Lower power CMOS process
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS663 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS663 Datasheet HTML 1Page - Integrated Device Technology ICS663 Datasheet HTML 2Page - Integrated Device Technology ICS663 Datasheet HTML 3Page - Integrated Device Technology ICS663 Datasheet HTML 4Page - Integrated Device Technology ICS663 Datasheet HTML 5Page - Integrated Device Technology ICS663 Datasheet HTML 6Page - Integrated Device Technology ICS663 Datasheet HTML 7Page - Integrated Device Technology ICS663 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ICS663
PLL BUILDING BLOCK
PLL BUILDING BLOCK
IDT™ / ICS™ PLL BUILDING BLOCK
2
ICS663
REV E 012006
Pin Assignment
VCO Post Divide Select Table
0 = connect pin directly to ground
1 = connect pin directly to VDD
Pin Descriptions
1
2
3
FBIN
4
VDD
GND
CLK
LF
SEL
LFR
8
7
6
5
REFIN
8 Pin (150 mil) SOIC
SEL
VCO Post
Divide
08
12
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
FBIN
Input
Feedback clock input. Connect the output of the feedback divider to
this pin. Falling edge triggered.
2
VDD
Power
VDD. Connect to +3.3 V or +5 V.
3
GND
Power
Connect to ground.
4
LF
Input
Loop filter connection (refer to Figure 1 on Page 5).
When using the phase detector block only, this pin serves as the
charge pump output.
When using the VCO block only, this pin serves as VCO input control
voltage.
5
LFR
Input
Loop filter return (refer to Figure 1 on Page 5).
6
SEL
Input
Select pin for VCO post divide, as per above table.
7
CLK
Output
Clock output.
8
REFIN
Input
Reference clock input. Connect the input clock to this pin. Falling edge
triggered.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com