Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS663MT Datasheet (PDF) - Integrated Circuit Systems

ICS663MT Datasheet PDF - Integrated Circuit Systems
Part # ICS663MT
Download  ICS663MT Download
File Size   146.83 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description PLL BUILDING BLOCK

ICS663MT Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS663MT Datasheet PDF - Integrated Circuit Systems

Part # ICS663MT
Download  ICS663MT Click to download

File Size   146.83 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description PLL BUILDING BLOCK

ICS663MT Datasheet (HTML) - Integrated Circuit Systems


ICS663MT Product details

Description

The ICS663 is a low cost Phase-Locked Loop (PLL) designed for clock synthesis and synchronization. Included on the chip are the phase detector, charge pump, Voltage Controlled Oscillator (VCO) and an output buffer. Through the use of external reference and VCO dividers (implemented with the ICS674-01, for example), the user can easily configure the device to lock to a wide variety of input frequencies.

The phase detector and VCO functions of the device can also be used independently. This enables the configuration of other PLL circuits. For example, the ICS663 phase detector can be used to control a VCXO circuit such as the MK3754.

For applications requiring Power Down or Output Enable features, please refer to the ICS673-01.



Features

• Packaged in 8-pin SOIC

• Output clock range 1 MHz to 100 MHz (3.3 V), 1 MHz to 120 MHz (5 V)

• External PLL loop filter enables configuration for a wide range of input frequencies

• Ability to accept an input clock in the kHz range

   (video Hsync, for example)

• 25 mA output drive capability at TTL levels

• Lower power CMOS process

• +3.3 V ±5% or +5 V ±10% operating voltage

• Used along with the ICS674-01, forms a complete PLL circuit

• Phase detector and VCO blocks can be used independently for other PLL configurations

• Industrial temperature version available

• For better jitter performance, use the MK1575



 




Similar Part No. - ICS663MT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS663 IDT-ICS663 Datasheet
218Kb / 8P
PLL BUILDING BLOCK Phase detector and VCO blocks can be used Lower power CMOS process
More results


Similar Description - ICS663MT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS673-01 ICST-ICS673-01 Datasheet
73Kb / 9P
PLL Building Block
Revision 022500
logo
Linear Technology
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
Universal Dual Filter Building Block?
logo
National Semiconductor ...
LF13300 NSC-LF13300 Datasheet
1Mb / 18P
INTERGRATING A/D ANALOG BUILDING BLOCK
logo
Linear Technology
LT1567 LINER-LT1567_1 Datasheet
203Kb / 16P
1.4nV/?숰z 180MHz Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
Universal Dual Filter Building Block
LT1088 LINER-LT1088_15 Datasheet
753Kb / 12P
WIDEBAND RMS DC CONVERTER BUILDING BLOCK
LT1567 LINER-LT1567_15 Datasheet
209Kb / 16P
Filter Building Block
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
Universal Dual Filter Building Block
logo
Renesas Technology Corp
673-01 RENESAS-673-01 Datasheet
89Kb / 8P
PLL BUILDING BLOCK
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com