Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8148B Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI7C8148B
Description  2-PORT PCI-to-PCI BRIDGE PLX PC16152 COMPARISON
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8148B Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI7C8148B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI7C8148B Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PI7C8148B
2-PORT PCI-to-PCI BRIDGE
PLX PCI6152 COMPARISON
PERICOM SEMICONDUCTOR
Revision 1.0 AUGUST 2004
Page 1 of 2
FEATURE COMPARISON: PI7C8148B vs. PLX PCI6152
Features:
Feature
Pericom PI7C8148B
PLX PCI6152
Interfaces
! Complies with the following specifications:
PCI Local Bus Specification
PCI-to-PCI Bridge Architecture Specification
! 3.3V and 5V signaling environments
! 66MHz capable
! Asynchronous Mode support
! Concurrent primary and secondary bus operations
Revision 2.2
Revision 1.1
yes
yes
yes
yes
Revision 2.1
Revision 1.1
no (3.3V w/5V
tolerance)
yes
no
yes
Memory Buffer Architecture
! Dynamic Prefetching Control
yes
no
Bus Arbitration
! Programmable internal arbiter for the secondary bus
with support for up to 4 external masters
yes
yes
IEEE 1149.1 JTAG port
! Available boundary scan testing
no
no
Compact PCI Hot Swap
! Hot Swap Friendly Support
yes
yes
Packaging
! 160-pin PBGA
! Extended commercial temp range: 0°C to 85°C
yes
yes
yes
no (0°C to 70°C)
Pin differences (160-pin PBGA):
pin number
Pericom PI7C8148B
PLX PCI6152
N7
SCAN_EN
NAND_O
P7
SCAN_TM#
GOZ_L
SCAN_TM# (P7) should be pulled HIGH for normal operation (same as the PLX solution).
SCAN_EN (N7) becomes an output when SCAN_TM# is pulled HIGH.
Register differences:
Pericom PI7C8148B
PLX PCI6152
Vendor ID
12D8h
3388h
Device ID
8140h
0021h


Similar Part No. - PI7C8148B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C8148BNJ PERICOM-PI7C8148BNJ Datasheet
1Mb / 94P
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8148BNJE PERICOM-PI7C8148BNJE Datasheet
1Mb / 94P
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8148B PERICOM-PI7C8148B_06 Datasheet
1Mb / 94P
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
More results

Similar Description - PI7C8148B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PERICOMPI7C8150 PERICOM-PERICOMPI7C8150 Datasheet
904Kb / 106P
2-Port PCI-to-PCI Bridge
PI7C8140A PERICOM-PI7C8140A Datasheet
117Kb / 3P
2 PORT PCI TO PCI BRIDGE PLX PCI 6140 COMPARISON
PI7C8150A PERICOM-PI7C8150A Datasheet
1Mb / 111P
2-PORT PCI-to-PCI BRIDGE
PI7C8152A PERICOM-PI7C8152A_07 Datasheet
660Kb / 90P
2-Port PCI-to-PCI Bridge
PI7C8150B PERICOM-PI7C8150B Datasheet
1Mb / 108P
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8140AMAE PERICOM-PI7C8140AMAE Datasheet
1Mb / 82P
2-Port PCI-to-PCI Bridge
PI7C8154BNAE PERICOM-PI7C8154BNAE Datasheet
1Mb / 111P
Asynchronous 2-Port PCI-to-PCI Bridge
PI7C8148B PERICOM-PI7C8148B_06 Datasheet
1Mb / 94P
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8150B PERICOM-PI7C8150B_15 Datasheet
1Mb / 107P
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8154A PERICOM-PI7C8154A Datasheet
818Kb / 114P
2-Port PCI-to-PCI Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com