Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8148B Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI7C8148B
Description  2-PORT PCI-to-PCI BRIDGE PLX PC16152 COMPARISON
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8148B Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI7C8148B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI7C8148B Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PI7C8148B
2-PORT PCI-to-PCI BRIDGE
PLX PCI6152 COMPARISON
PERICOM SEMICONDUCTOR
Revision 1.0 AUGUST 2004
Page 2 of 2
PERFORMANCE COMPARISON: PI7C8148B vs. PLX PCI6152
The performance data was measured using an in-house evaluation board slotted into an off-the-shelf
motherboard. Fast Ethernet (100Mbit LAN) Cards reside in each of the 4 PCI slots on the secondary bus of
the evaluation board. In each comparison, the hardware and software remain constant. The only item
changed is the bridge on the evaluation board. Two different sets of hardware were used, and the
description of each fixture is listed. In each test setup, a PCI exerciser program is used to generate traffic
or write packets from the PCI Fast Ethernet card to memory and then read back from memory to the PCI
Fast Ethernet card.
TEST CASE 1
Motherboard:
SuperMicro P3TDLE
Chipset:
ServerWorks ServerSet III LE
Processor:
Intel PIII 800
Memory:
512MB
Video:
S3 TrioV64/DX
Other PCI Devices:
No other PCI devices active
A Fast Ethernet card running full duplex is slotted in each of the 4 PCI slots on the evaluation board.
Results: Transfer rate measured in Megabits per second
Card Number
Pericom PI7C8148B
PLX PCI6152
LAN Card 1
42.61 – 46.99 Mb/s
19.84 – 22.07 Mb/s
LAN Card 2
84.33 – 89.14 Mb/s
66.17 – 70.66 Mb/s
LAN Card 3
46.19 – 48.12 Mb/s
18.70 – 22.14 Mb/s
LAN Card 4
84.81 – 89.01 Mb/s
67.14 – 70.40 Mb/s
TEST CASE 2
Motherboard:
MSI GNB Max
Chipset:
Intel E7205
Processor:
Intel P4 2.4GHz
Memory:
256MB
Video:
nVidia GeForce 2 MX-400
Other PCI Devices:
No other PCI devices active
A Fast Ethernet card running full duplex is slotted in each of the 4 PCI slots on the evaluation board.
Results: Transfer rate measured in Megabits per second
Card Number
Pericom PI7C8148B
PLX PCI6152
LAN Card 1
27.16 – 31.30 Mb/s
21.50 – 28.55 Mb/s
LAN Card 2
26.70 – 32.78 Mb/s
23.02 – 28.29 Mb/s
LAN Card 3
27.54 – 32.18 Mb/s
22.05 – 27.61 Mb/s
LAN Card 4
27.63 – 32.13 Mb/s
23.09 – 27.05 Mb/s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com