Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSQ035P03FRA Datasheet(PDF) 1 Page - Rohm

Part # RSQ035P03FRA
Description  4V Drive Pch MOS FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSQ035P03FRA Datasheet(HTML) 1 Page - Rohm

  RSQ035P03FRA Datasheet HTML 1Page - Rohm RSQ035P03FRA Datasheet HTML 2Page - Rohm RSQ035P03FRA Datasheet HTML 3Page - Rohm RSQ035P03FRA Datasheet HTML 4Page - Rohm RSQ035P03FRA Datasheet HTML 5Page - Rohm RSQ035P03FRA Datasheet HTML 6Page - Rohm RSQ035P03FRA Datasheet HTML 7Page - Rohm RSQ035P03FRA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RSQ035P03
Transistor
Rev.A
1/4
4V Drive Pch MOS FET
RSQ035P03
Structure
External dimensions (Unit : mm)
Silicon P-channel MOSFET
Each lead has same dimensions
TSMT6
0.4
(1)
(5)
(3)
(6)
(2)
(4)
1pin mark
1.9
2.9
0.95
0.95
0~0.1
0.16
0.85
1.0MAX
0.7
Abbreviated symbol : TM
Features
1) Low On-resistance.(65mΩ at 4.5V)
2) High Power Package.
3) High speed switching.
4) Low voltage drive. (4V)
Applications
DC-DC converter
Packaging specifications
Equivalent circuit
Taping
RSQ035P03
Type
TR
3000
Package
Basic ordering unit
(pieces)
Code
(1)
∗1
∗2
∗1 ESD PROTECTION DIODE
(1)DRAIN
(2)DRAIN
(3)GATE
(4)SOURCE
(5)DRAIN
(6)DRAIN
(2)
(3)
(4)
(5)
(6)
∗2 BODY DIODE
Absolute maximum ratings (Ta=25°C)
Parameter
V
V
A
A
W
°C
A
A
°C
VDSS
VGSS
IS
PD
Tch
ID
ISP
IDP
Tstg
Symbol
−30
±20
−1
−4
1.25
150
−55 to +150
Limits
Unit
∗1 Pw≤10µs, Duty cycle≤1%
∗2 Mounted on a ceramic board
Drain−source voltage
Gate−source voltage
Drain current
Source current
(Body diode)
Total power dissipation
Channel temperature
Range of Strage temperature
Continuous
Pulsed
Continuous
Pulsed
∗1
∗1
∗2
±3.5
±14
Thermal resistance
Parameter
°C / W
Rth(ch-a)
Symbol
Limits
Unit
Channel to ambient
∗ Mounted on a ceramic board.
100
∗
RSQ035P03FRA
RSQ035P03FRA
RSQ035P03FRA
AEC-Q101 Qualified


Similar Part No. - RSQ035P03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSQ035P03 ROHM-RSQ035P03 Datasheet
94Kb / 5P
DC-DC Converter (-30V, -3.5A)
RSQ035P03HZG ROHM-RSQ035P03HZG Datasheet
2Mb / 15P
Pch -30V -3.5A Small Signal MOSFET
RSQ035P03TR ROHM-RSQ035P03TR Datasheet
62Kb / 3P
4V Drive Nch MOSFET
logo
VBsemi Electronics Co.,...
RSQ035P03TR VBSEMI-RSQ035P03TR Datasheet
449Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - RSQ035P03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSR015P03 ROHM-RSR015P03 Datasheet
58Kb / 3P
4V Drive Pch MOS FET
RSS060P05 ROHM-RSS060P05 Datasheet
129Kb / 5P
4V Drive Pch MOS FET
RSM002P03 ROHM-RSM002P03 Datasheet
65Kb / 3P
4V Drive Pch MOS FET
RSL020P03 ROHM-RSL020P03 Datasheet
66Kb / 3P
4V Drive Pch MOS FET
RSF010P03 ROHM-RSF010P03 Datasheet
65Kb / 3P
4V Drive Pch MOS FET
RSR025P03 ROHM-RSR025P03 Datasheet
66Kb / 3P
4V Drive Pch MOS FET
SP8J3 ROHM-SP8J3 Datasheet
113Kb / 5P
4V Drive PchPch MOS FET
SP8J5 ROHM-SP8J5 Datasheet
113Kb / 5P
4V Drive PchPch MOS FET
RSQ025P03FRA ROHM-RSQ025P03FRA Datasheet
1Mb / 8P
4V Drive Pch MOS FET
SP8J5FRA ROHM-SP8J5FRA Datasheet
428Kb / 7P
4V Drive PchPch MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com