Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSQ035P03FRA Datasheet(PDF) 2 Page - Rohm

Part # RSQ035P03FRA
Description  4V Drive Pch MOS FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSQ035P03FRA Datasheet(HTML) 2 Page - Rohm

  RSQ035P03FRA Datasheet HTML 1Page - Rohm RSQ035P03FRA Datasheet HTML 2Page - Rohm RSQ035P03FRA Datasheet HTML 3Page - Rohm RSQ035P03FRA Datasheet HTML 4Page - Rohm RSQ035P03FRA Datasheet HTML 5Page - Rohm RSQ035P03FRA Datasheet HTML 6Page - Rohm RSQ035P03FRA Datasheet HTML 7Page - Rohm RSQ035P03FRA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RSQ035P03
Transistor
Rev.A
2/4
Electrical characteristics (Ta=25°C)
Parameter
Symbol
IGSS
V(BR)DSS
IDSS
VGS(th)
RDS(on)
Ciss
Yfs
Coss
Crss
Min.
−
−30
−
−1.0
−
−
2.0
−
−
−
−
−
−
45
780
−
180
130
±10
−
−1
−2.5
65
−
65
90
−
−
−
−
µA
VGS=±20V, VDS=0V
ID=−1
, VGS
=0V
VDS
=−30V, VGS=0V
VDS
=−10V, ID=−1.75A
VDS
=−10V, ID=−1
ID
=−3.5A, VGS=−10V
VDS=−10V,VGS=0V
f
=1MHz
V
µA
V
mΩ
mΩ
pF
S
pF
pF
td(on)
−
15
−
ID=−1.75A
VDD −15V
ns
tr
−
35
−
VGS
=−10V
ns
td(off)
−
45
−
RL
=8.6Ω
ns
tf
−
25
−
RG
=10Ω
ns
Typ.
Max.
Unit
Conditions
Gate-source leakage
Gate threshold voltage
Foward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Turn-off delay time
Rise time
Fall time
Drain-source breakdown voltage
Static drain-source on-state
resistance
Zero gate voltage drain current
Total gate charge
Gate-source charge
Gate-drain charge
Qg
Qgs
Qgd
mΩ
nC
nC
nC
−
−
−
−
−
−
−
70
9.2
2.2
3.4
95
mA,
mA
ID
=−3.5A, VGS=−4.5V
ID
=−1.75A, VGS=−4.0V
VDD −15V
VGS
=−5V
∗
∗
∗
∗
∗
∗
∗PULSED
ID
=−3.5A
Body diode characteristics (Source-drain) (Ta=25°C)
Forward voltage
VSD
−
V
−1.2
−
IS
=−1A, VGS=0V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
RSQ035P03FRA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com