Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTQ035P02FHA Datasheet(PDF) 1 Page - Rohm

Part # RTQ035P02FHA
Description  2.5V Drive Pch MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTQ035P02FHA Datasheet(HTML) 1 Page - Rohm

  RTQ035P02FHA Datasheet HTML 1Page - Rohm RTQ035P02FHA Datasheet HTML 2Page - Rohm RTQ035P02FHA Datasheet HTML 3Page - Rohm RTQ035P02FHA Datasheet HTML 4Page - Rohm RTQ035P02FHA Datasheet HTML 5Page - Rohm RTQ035P02FHA Datasheet HTML 6Page - Rohm RTQ035P02FHA Datasheet HTML 7Page - Rohm RTQ035P02FHA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RTQ035P02
Transistor
Rev.A
1/4
2.5V Drive Pch MOS FET
RTQ035P02
Structure
Silicon P-channel MOSFET
Features
1) Low On-resistance.(80mΩ at 2.5V)
2) High Power Package.
3) High speed switching.
4) Low voltage drive.(2.5V)
Applications
DC-DC converter
External dimensions (Unit : mm)
Each lead has same dimensions
TSMT6
0.4
(1)
(5)
(3)
(6)
(2)
(4)
1pin mark
1.9
2.9
0.95
0.95
0~0.1
0.16
0.85
1.0MAX
0.7
Abbreviated symbol : TL
Packaging specifications
Taping
RTQ035P02
Type
TR
3000
Package
Basic ordering unit
(pieces)
Code
Equivalent circuit
(1) Drain
(2) Drain
(3) Gate
(4) Source
(5) Drain
(6) Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
∗2
∗1
(6)
(1)
(5)
(2)
(4)
(3)
Absolute maximum ratings (Ta=25°C)
Parameter
V
V
A
A
W
°C
A
A
°C
VDSS
VGSS
IS
PD
Tch
ID
ISP
IDP
Tstg
Symbol
−20
±12
−1
−4
1.25
150
−55 to +150
Limits
Unit
∗1 Pw≤10µs, Duty cycle≤1%
∗2 Mounted on a ceramic board
Drain−source voltage
Gate−source voltage
Drain current
Source current
(Body diode)
Total power dissipation
Channel temperature
Range of Storage temperature
Continuous
Pulsed
Continuous
Pulsed
∗1
∗1
∗2
±3.5
±17.5
Thermal resistance
°C / W
Rth (ch-a)
100
Parameter
Symbol
Limits
Unit
Channel to ambient
∗ Mounted on a ceramic board.
∗
RTQ035P02FHA
RTQ035P02FHA
RTQ035P02FHA
AEC-Q101 Qualified


Similar Part No. - RTQ035P02FHA

ManufacturerPart #DatasheetDescription
logo
Rohm
RTQ035P02 ROHM-RTQ035P02 Datasheet
93Kb / 5P
DC-DC Converter (-20V, -3.5A)
RTQ035P02 ROHM-RTQ035P02 Datasheet
99Kb / 5P
DC-DC Converter (??0V, ??.5A)
logo
VBsemi Electronics Co.,...
RTQ035P02 VBSEMI-RTQ035P02 Datasheet
450Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Rohm
RTQ035P02HZG ROHM-RTQ035P02HZG Datasheet
2Mb / 15P
Pch -20V -3.5A Small Signal MOSFET
RTQ035P02TR ROHM-RTQ035P02TR Datasheet
99Kb / 5P
DC-DC Converter (??0V, ??.5A)
More results

Similar Description - RTQ035P02FHA

ManufacturerPart #DatasheetDescription
logo
Rohm
RTU002P02 ROHM-RTU002P02 Datasheet
65Kb / 3P
2.5V Drive Pch MOSFET
US6M2 ROHM-US6M2_07 Datasheet
74Kb / 4P
2.5V Drive NchPch MOSFET
RTF020P02TL ROHM-RTF020P02TL Datasheet
102Kb / 5P
2.5V Drive Pch MOSFET
US6J2TR ROHM-US6J2TR Datasheet
89Kb / 5P
2.5V Drive PchPch MOSFET
QS6M3TR ROHM-QS6M3TR Datasheet
95Kb / 8P
2.5V Drive NchPch MOSFET
QS6M4TR ROHM-QS6M4TR Datasheet
85Kb / 6P
2.5V Drive Nch Pch MOSFET
RTL020P02FRA ROHM-RTL020P02FRA Datasheet
1Mb / 8P
2.5V Drive Pch MOSFET
RTQ025P02FRA ROHM-RTQ025P02FRA Datasheet
1Mb / 8P
2.5V Drive Pch MOSFET
RTR020P02FRA ROHM-RTR020P02FRA Datasheet
1Mb / 8P
2.5V Drive Pch MOSFET
RTR030P02FHA ROHM-RTR030P02FHA Datasheet
1Mb / 8P
2.5V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com