Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTQ035P02FHA Datasheet(PDF) 2 Page - Rohm

Part # RTQ035P02FHA
Description  2.5V Drive Pch MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTQ035P02FHA Datasheet(HTML) 2 Page - Rohm

  RTQ035P02FHA Datasheet HTML 1Page - Rohm RTQ035P02FHA Datasheet HTML 2Page - Rohm RTQ035P02FHA Datasheet HTML 3Page - Rohm RTQ035P02FHA Datasheet HTML 4Page - Rohm RTQ035P02FHA Datasheet HTML 5Page - Rohm RTQ035P02FHA Datasheet HTML 6Page - Rohm RTQ035P02FHA Datasheet HTML 7Page - Rohm RTQ035P02FHA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RTQ035P02
Transistor
Rev.A
2/4
Electrical characteristics (Ta=25°C)
Parameter
Symbol
IGSS
V(BR)DSS
IDSS
VGS(th)
RDS(on)
Ciss
Yfs
Coss
Crss
Min.
−
−20
−
−0.7
−
−
3.5
−
−
−
−
−
−
50
1200
−
200
130
±10
−
−1
−2.0
65
−
55
70
−
−
−
−
µA
VGS=±12V, VDS=0V
ID=−1
, VGS
=0V
VDS
=−20V, VGS=0V
VDS
=−10V, ID=−3.5A
VDS
=−10V, ID=−1
ID
=−3.5A, VGS=−4.5V
VDS=−10V,VGS=0V
f
=1MHz
V
µA
V
mΩ
mΩ
pF
S
pF
pF
td(on)
−
16
−
ID=−2A
VDD −15V
ns
tr
−
40
−
VGS
=−4.5V
ns
td(off)
−
55
−
RL
=7.5Ω
ns
tf
−
30
−
RG
=10Ω
ns
Typ.
Max.
Unit
Conditions
Gate-source leakage
Gate threshold voltage
Foward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Turn-off delay time
Rise time
Fall time
Drain-source breakdown voltage
Static drain-source on-state
resistance
Zero gate voltage drain current
Total gate charge
Gate-source charge
Gate-drain charge
Qg
Qgs
Qgd
mΩ
nC
nC
nC
−
−
−
−
−
−
−
80
10.5
2.0
3.5
100
mA,
mA
ID=−3.5A, VGS=−4V
ID
=−1.75A, VGS=−2.5V
VDD −15V
VGS
=−4.5V
∗
∗
∗
∗
∗
∗
∗PULSED
ID
=−3.5A
Body diode characteristics (Source-drain) (Ta=25°C)
Forward voltage
VSD
−
V
−1.2
−
IS
=−1A, VGS=0V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
RTQ035P02FHA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com