Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3PHASEPWM Datasheet(PDF) 3 Page - International Rectifier

Part # 3PHASEPWM
Description  3-Phase Synchronous PWM Controller IC Provides an Integrated Solution for Intel VRM 9.0 Design Guidelines
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

3PHASEPWM Datasheet(HTML) 3 Page - International Rectifier

  3PHASEPWM Datasheet HTML 1Page - International Rectifier 3PHASEPWM Datasheet HTML 2Page - International Rectifier 3PHASEPWM Datasheet HTML 3Page - International Rectifier 3PHASEPWM Datasheet HTML 4Page - International Rectifier 3PHASEPWM Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Figure 1 – Typical application of IRU3055
The IRU3055 has on-board MOSFET drivers,
making
it
cost-effective
compared
to
the
majority
of
multiphase
controllers,
which
require external MOSFET drivers. When used
with IR’s HEXFET
® power MOSFETs like the
IRF3704S in the control FET socket and the
IRF3711S in the synchronous FET socket, the
IRU3055
can
provide
up
to
60A
for
microprocessor VCORE requirements at 80%
efficiency or above.
The new controller IC is a fixed-frequency
voltage mode controller with 50kHz to 500kHz
programmable operating frequency by using an
external resistor. The output voltage is selectable
in 25mV steps from 1.075 to 1.85V with up to
1.5%
output
voltage
accuracy
using
a
programmable VID code to the five-bit digital-
to-analog converter (DAC).
The new device has a number of features to
provide protection and monitoring for the power
system and the microprocessor. It features
under-voltage lockout (UVLO) for the 5V and
12V
supplies
as
well
as
an
externally
programmable
soft-start
function.
Another
feature is the PGOOD monitor circuit, which is
held low if the output of the converter is not
within
±10% of the programmed voltage.
The
IRU3055
also
provides
over-voltage
protection. If the output voltage exceeds the
DAC-programmed voltage by 20%, the low-side
MOSFETs turn on and shunt the output voltage
to ground, protecting the CPU from damage.
The IRU3055 features loss-less inductor current
sensing
and
sharing
while
over-current
protection is achieved by synchronous FET
RDS(on)
sensing, eliminating the need for a
separate sense resistor. The IRU3055 can also be
easily
configured
for
voltage
droop
compensation so that the output voltage will
linearly decrease as load current increases and
vice versa, as required by Intel VRM design
guidelines.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com