Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3PHASEPWM Datasheet(PDF) 1 Page - International Rectifier

Part # 3PHASEPWM
Description  3-Phase Synchronous PWM Controller IC Provides an Integrated Solution for Intel VRM 9.0 Design Guidelines
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

3PHASEPWM Datasheet(HTML) 1 Page - International Rectifier

  3PHASEPWM Datasheet HTML 1Page - International Rectifier 3PHASEPWM Datasheet HTML 2Page - International Rectifier 3PHASEPWM Datasheet HTML 3Page - International Rectifier 3PHASEPWM Datasheet HTML 4Page - International Rectifier 3PHASEPWM Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
3-Phase Synchronous PWM Controller IC Provides an
Integrated Solution for Intel VRM 9.0 Design Guidelines
Odile Ronat
International Rectifier
The fundamental reason for the rapid change and
growth
in
information
technology
power
requirements is the increase in volume of data
processed, stored, transmitted, and displayed. As
a result, power requirements have grown very
rapidly. To control the increase in power
dissipation,
operating
voltages
have
been
reduced. Power scales as the square of the
voltage: cut the voltage in half, and the power
dissipation is reduced to one fourth. As circuit
output voltages approach the one-volt mark,
operating currents are increasing exponentially.
Today, feeding this much “ultraclean” current at
these low voltages with tremendous transient
response capability is the key technology driver
of power management for IT.
CPUs
used
in
servers,
advance
desktop
computers and motherboards such as the Intel
Pentium™ 4 or Xeon™ or AMD K7™ typically
require currents up to 60A at output voltages
around 1V, with transient response in the order
of 50A/us. Designers prefer a multiphase DC-
DC converter topology to address the higher
current
requirements
and
faster
transient
response problem,
This
article
will
discuss
the
specific
requirements for DC-DC converters required to
power today’s GHz class CPUs, the benefits of
the multiphase topology, and an example of
implementation of Intel VRM 9.0 using an
integrated 3-phase synchronous PWM controller
IC.
An Overview of Intel VRM 9.0 Design
Guidelines
With today’s microprocessor voltage below 2V,
they cannot be powered directly out of the
conventional silver box that typically provides
5V and 12V. Located in proximity to the CPU,
the voltage regulator module (VRM) delivers
regulated, stepped down voltage to the CPU.
The Intel VRM 9.0 definition is specifically
intended to meet the needs of systems based on
the Intel ® Xeon™ and Pentium ® 4 processors.
Table 1 provides a summary of the output
requirements for VRM 9.0.
Table 1 - Summary of the VRM 9.0 output requirements (Source: Intel VRM9.0 DC-DC converter design guidelines.
Other
requirements
include
VID
voltage
identification and Power Good feedback. The
VRM must accept five lines to set the nominal
maximum voltage. Five processor package pins
will have a high-low pattern corresponding to
the voltage required by the individual processor.
The VRM should provide an open collector


Similar Part No. - 3PHASEPWM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
3PH12P18MM LITTELFUSE-3PH12P18MM Datasheet
258Kb / 1P
POWR-GARD짰 Blocks and Holders BUS BAR SYSTEM
Rev: 091720
3PH12P18MM LITTELFUSE-3PH12P18MM Datasheet
260Kb / 3P
Dead Front Fuse Holders Bus Bar System
2022
3PH12P25MM LITTELFUSE-3PH12P25MM Datasheet
258Kb / 1P
POWR-GARD짰 Blocks and Holders BUS BAR SYSTEM
Rev: 091720
3PH12P25MM LITTELFUSE-3PH12P25MM Datasheet
260Kb / 3P
Dead Front Fuse Holders Bus Bar System
2022
3PH15P18MM LITTELFUSE-3PH15P18MM Datasheet
258Kb / 1P
POWR-GARD짰 Blocks and Holders BUS BAR SYSTEM
Rev: 091720
More results

Similar Description - 3PHASEPWM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1706-82 LINER-LTC1706-82 Datasheet
148Kb / 8P
VID Voltage Programmer for Intel VRM 9.0
logo
International Rectifier
IRUK3055CQ01 IRF-IRUK3055CQ01 Datasheet
27Kb / 2P
POWER MANAGEMENT CHIPSET FOR 3-PHASE VRM 9.0 CONVERTERS
logo
List of Unclassifed Man...
RT9224C ETC1-RT9224C Datasheet
208Kb / 8P
VRM 9.0 Synchronous PWM Buck Converter Controller and Output Voltage Monitor
logo
ON Semiconductor
CS5332 ONSEMI-CS5332 Datasheet
400Kb / 20P
Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
July, 2006 ??Rev. 11
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
logo
Semtech Corporation
SC2655 SEMTECH-SC2655 Datasheet
337Kb / 20P
Programmable Synchronous DC/DC Hysteretic Controller with VRM 9.0 VID Range
logo
Maxim Integrated Produc...
MAX5037 MAXIM-MAX5037 Datasheet
1Mb / 30P
VRM 9.0, Dual-Phase, Parallelable, Average Current-Mode Controller
Rev 3; 4/04
MAX5037A MAXIM-MAX5037A Datasheet
622Kb / 31P
VRM 9.0/VRM 9.1, Dual-Phase, Parallelable, Average-Current-Mode Controller
Rev 1; 4/04
logo
STMicroelectronics
AN2794 STMICROELECTRONICS-AN2794 Datasheet
3Mb / 39P
This application note provides design guidelines
13-Jan-2012
logo
ON Semiconductor
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com