Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U.FL-R-1 Datasheet(PDF) 2 Page - Hirose Electric

Part # U.FL-R-1
Description  Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-1 Datasheet(HTML) 2 Page - Hirose Electric

  U.FL-R-1 Datasheet HTML 1Page - Hirose Electric U.FL-R-1 Datasheet HTML 2Page - Hirose Electric U.FL-R-1 Datasheet HTML 3Page - Hirose Electric U.FL-R-1 Datasheet HTML 4Page - Hirose Electric U.FL-R-1 Datasheet HTML 5Page - Hirose Electric U.FL-R-1 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
N.FL Series
●Lightweight SMT Miniature Coaxial Connectors – 1.4 mm Mated Height
■Specifications
Nominal characteristic impedance
Frequency range
50 ohms
DC to 6 GHz
Operating temperature range
Storage temperature range
-40°C to +90°C
(90% RH max.)
-30°C to +70°C
(90% RH max.)
Ratings
Note1: N.FL Cable assembly (plug) is measured with SMA conversion
adapters mated with N.FL plugs at both ends of a 100cm coaxial
cable harness
Note2: N.FL receptacle, which is mounted on a 50 ohms glass epoxy
board, is measured with a SMA conversion adapter.
Network Analyzer
Test Set
Test Port
Termination
D.U.T
Test Port Cable
■Materials / Finishes
●Plugs-Right Angle
Part
Material
Finish
Shell
Phosphor bronze
Silver plated
Female center contact
Phosphor bronze
Gold plated
Insulator
PBT
Color: Black, UL94V-0
Color: Gray, UL94HB(HF type)
●Receptacle
Part
Material
Finish
Shell
Phosphor bronze
Silver plated
Male center contact
Brass
Gold plated
Insulator
LCP
Color: Black, UL94V-0
Item
Specification
Conditions
1. Contact resistance
Center
contact: 25 m ohms max.
Outer
contact: 25 m ohms max.
10 mA max.
2. Insulation resistance
500 M ohms min.
100V DC
3. Withstanding voltage
No flashover or insulation breakdown
200V AC / 1 minute
4. V.S.W.R.(Note)
1.3max.
DC to 6GHz
5. Durability
Contact resistance
Center
contact: 30 m ohms max.
Outer
contact: 30 m ohms max.
No damage, cracks, or parts dislocation
20 cycles
6. Vibration
No electrical discontinuity of 1 µs or longer
No damage, cracks, or parts dislocation
Frequency: 10 to 100 Hz, single amplitude of 1.5 mm
Acceleration: 59 m/s2, in each of 3 axis
5 cycles
7. Shock
No electrical discontinuity of 1 µs or longer
No damage, cracks, or parts dislocation
Acceleration of 735 m/s2, 11 ms continuous time
Waveform: sine half-wave, 3 cycles in each of the 3 axis
8. Humidity
Insulation resistance: 100 M ohms min. (high humidity)
Insulation resistance: 500 M ohms min. (dry)
No damage, cracks, or parts dislocation
96 hours at +40°C, and humidity of 95%
9. Temperature cycle
No damage, cracks, or parts dislocation
Temperature:-40°C
/+5°C to +35°C/+90°C/+5°C to +35°C
Time: 30 min.
/ 5 min. max. / 30 min. / 5 min. max.
5 cycles
10. Salt spray test
No excessive corrosion
5% salt water solution, 48 hours
Note: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and
specifications for a specific part number shown.
* V.S.W.R. Measurement System
Measured as shown on the block diagram below.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com