Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U.FL-R-1 Datasheet(PDF) 1 Page - Hirose Electric

Part # U.FL-R-1
Description  Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-1 Datasheet(HTML) 1 Page - Hirose Electric

  U.FL-R-1 Datasheet HTML 1Page - Hirose Electric U.FL-R-1 Datasheet HTML 2Page - Hirose Electric U.FL-R-1 Datasheet HTML 3Page - Hirose Electric U.FL-R-1 Datasheet HTML 4Page - Hirose Electric U.FL-R-1 Datasheet HTML 5Page - Hirose Electric U.FL-R-1 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Lightweight SMT Miniature Coaxial Connectors – 1.4 mm Mated Height
N.FL Series
2014.10
w
■Features
1. Low profile
Nominal mated height is 1.4 mm (Max. 1.5 mm)
2. Small size: 7.7 mm2
3. Light weight
Receptacle : 14 mg
Plug
: 28 mg
4. Accepts high frequency transmission
of DC to 6 GHz.
V.S.W.R. = 1.3 max. (DC to 6 GHz)
5. Board placement with automatic equipment
Receptacles are packaged in embossed carrier
tape and reel for automatic mounting.
6. Plugs are terminated with ultra-fine
coaxial (fluorinated resin insulated) cable.
7. Special tool for an extraction
8. Verification of the fully mated condition
Tactile click sensation confirms fully mated
condition, assuring complete electrical and
mechanical connection
.
9. Halogen-free*(Receptacle, plug(HF type))
*As defined by IEC61249-2-21
Br-900 ppm maximum, Cl-900 ppm maximum,
Cl+Br combined - 1,500 ppm maximum
■Applications
Mobile phones, wireless communication devices,
electronic measuring instruments, GPS, wireless
LAN, Bluetooth and any application requiring high
frequency transmission using small coaxial
connectors.
3.4
N.FL-LP-040*
Cable
N.FL-R-SMT-1
Plug
Receptacle
N.FL
U.FL-LP(V)
●Mated height comparison (With U.FL-LP(V) )
●N.FL Plug and Receptacle
Fig.1
Fig.2


Similar Part No. - U.FL-R-1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
U.FL-R-1 HIROSE-U.FL-R-1 Datasheet
177Kb / 8P
Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-R-1 HIROSE-U.FL-R-1 Datasheet
258Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-R-1 HIROSE-U.FL-R-1 Datasheet
433Kb / 12P
Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
Oct.1.2018
More results

Similar Description - U.FL-R-1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
Hirose Electric
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
logo
List of Unclassifed Man...
DF38-30P-SHL ETC2-DF38-30P-SHL Datasheet
419Kb / 10P
0.3 mm Pitch, 1.5 mm Mated Height, Board- to-Fine Coaxial Cable Connectors
logo
Hirose Electric
N-FL HIROSE-N-FL Datasheet
227Kb / 6P
Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
X.FL HIROSE-X.FL Datasheet
965Kb / 8P
Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
logo
SOURIAU-SUNBANK Connect...
8MCJS505 SOURIAU-8MCJS505 Datasheet
4Mb / 42P
Miniature Lightweight High Density Connectors
logo
Hirose Electric
C.FL HIROSE-C.FL Datasheet
332Kb / 8P
0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
2022.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com