Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF51 Datasheet(PDF) 2 Page - Hirose Electric

Part # MDF51
Description  High Voltage Wire-to-Board Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF51 Datasheet(HTML) 2 Page - Hirose Electric

  MDF51_17 Datasheet HTML 1Page - Hirose Electric MDF51_17 Datasheet HTML 2Page - Hirose Electric MDF51_17 Datasheet HTML 3Page - Hirose Electric MDF51_17 Datasheet HTML 4Page - Hirose Electric MDF51_17 Datasheet HTML 5Page - Hirose Electric MDF51_17 Datasheet HTML 6Page - Hirose Electric MDF51_17 Datasheet HTML 7Page - Hirose Electric MDF51_17 Datasheet HTML 8Page - Hirose Electric MDF51_17 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
MDF51 Series
●High Voltage Wire-to-Board Connectors
■Product Specification
Ratings
Current rating
Voltage rating
1A
3000V AC/DC
Operating temperature range
-35°C to +85°C (Note 1)
Operating humidity range
RH 20% to 80%
Storage temperature range
-10°C to +60°C (Note 2)
Storage humidity range
RH 40% to 70% (Note 2)
■File and recognition numbers:
UL and C-UL : E52653
TÜV
: R50085755
UL, C-UL
Ratings
Current rating
Voltage rating
1A
1000V AC/DC
TÜV
1A
1000V AC/DC
500V DC
5000V AC / 1 minute
20mV max., at 1mA .
Frequency: 10 to 55Hz, single amplitude of 0.75mm,
10 cycles, 3 axis
Acceleration of 490 m/s2, 11 ms duration, sine half-wave,
3 cycles in each of the 3 axis
96 hours at of 40 ±2ç, and humidity of 90 to 95%
-55ç
→ 5 to 35ç → 85ç → 5 to 35ç
Times: 30 min.
→ 3 min. → 2 min. to 3 min. → 30 min. → 2 min. to 3 min.
5 cycles
30 cycles
Reflow: At the recommended temperature profile (MDF51SU)
Flow: Solder temperature 260ç, 10 seconds (MDF51K and MDF51SY)
Manual soldering: 350ç for 3 seconds
1000Mø min.
No flashover or insulation breakdown
20mø max.
No electrical discontinuity of 1µs or longer
No damaged, cracked or loose parts.
No electrical discontinuity of 1µs or longer
No damaged, cracked or loose parts.
Contact resistance: 40mø max.,
Insulation resistance: 500Mø min.
No damaged, cracked or loose parts.
Contact resistance: 40mø max.,
Insulation resistance: 500Mø min.
No damaged, cracked or loose parts.
Contact resistance: 40mø max.
No damaged, cracked or loose parts.
No deformation of components affecting
performance
1. Insulation resistance
2. Withstanding voltage
3. Contact resistance
4. Vibration
5. Shock
6. Humidity
7. Temperature cycle
8. Mating cycles
9. Resistance to soldering
heat
Item
Specifications
Conditions
■Material / Finish
Note 1 : Includes temperature rise caused by current flow.
Note 2 : The term "storage" refers to products stored for a long period prior to mounting and use.
The operating temperature and humidity range covers the non-conducting condition of installed connectors in storage,
shipment or during transportation.
Part
Material
Finish
Insulator
Contact
MDF51K
PBT
MDF51SU : Polyamide
MDF51SY : Polyamide
Brass
Color : Black
Color : Beige
Color : Black
Tin plating
Remarks
UL94V-0
-----------------
Part
Material
Finish
Socket Insulator
Crimp contact
MDF51
: Polyamide
MDF51SU : Polyamide
Phosphor bronze
Color : White
Color : Gray
Tin plating
Remarks
UL94V-0
-----------------
●Header
●Crimp socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com