Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF51 Datasheet(PDF) 3 Page - Hirose Electric

Part # MDF51
Description  High Voltage Wire-to-Board Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF51 Datasheet(HTML) 3 Page - Hirose Electric

  MDF51_17 Datasheet HTML 1Page - Hirose Electric MDF51_17 Datasheet HTML 2Page - Hirose Electric MDF51_17 Datasheet HTML 3Page - Hirose Electric MDF51_17 Datasheet HTML 4Page - Hirose Electric MDF51_17 Datasheet HTML 5Page - Hirose Electric MDF51_17 Datasheet HTML 6Page - Hirose Electric MDF51_17 Datasheet HTML 7Page - Hirose Electric MDF51_17 Datasheet HTML 8Page - Hirose Electric MDF51_17 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
MDF51 Series
●High Voltage Wire-to-Board Connectors
■Product Number Structure
●Header
MDF 51 # – * P – 12 DSA
MDF 51 – 24 SCF
Series name : MDF51
Configuration type
K
: Contact pitch 12mm, through hole
SU : Contact pitch 13mm, surface mount
SY : Contact pitch 13mm, through hole
No. of contacts
: 2
Connector type
P : Header
Contact pitch
12mm or 13mm
Mounting style
DSA : Through hole, straight
V
: Surface mount, straight
●Crimp socket
MDF 51 # – * S – 12 C
Series name : MDF51
Configuration type
Blank : Contact pitch 12mm, standard
SU
: Contact pitch 13mm, standard
No. of contacts
: 2
Connector type
S : Crimp socket
Contact pitch
12mm or 13mm
Termination
C : Crimp
●Contacts
Applicable wire size
24 : 24 AWG
Packaging
SCF : Female crimp contact / reel
❶❷
❶
❶
❶
❷
❷
❷
❸
❸
❹
❹
❺
❺
❻
❻
❶
❷
❸
❹
❺
❻
❶
❷
❸
❹
❺
❻



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com