Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF27 Datasheet(PDF) 1 Page - Hirose Electric

Part # MDF27
Description  Crimp Contact for Direct Joining Thick Wire PCB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF27 Datasheet(HTML) 1 Page - Hirose Electric

  MDF27 Datasheet HTML 1Page - Hirose Electric MDF27 Datasheet HTML 2Page - Hirose Electric MDF27 Datasheet HTML 3Page - Hirose Electric MDF27 Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
2015.4
Features
1. Allows for direct soldering of wires to the PCB
The MDF12 and MDF27 eliminates the traditional
crimp housing/receptacle combination by crimping
the contact on to the wire and then directly soldering
it to the PCB. This improves assembly times and
connection reliability.
Has temporary PCB hold retention ability which allows
for easier soldering and helps to reduces labor costs.
The contact crimps both around the center
conductor and the jacket. The jacket crimp prevents
breakage or damage to the center conductor at the
solder joint by transferring stress to the jacket
portion of the terminated wire.
2. Vertical and right angle versions
The MDF12 contact is designed for when a vertical
connection to the PCB is needed. Please use the
MDF27 contact for applications that require a right
angle orientation
.
3. Supports larger gauge wires and higher
current ratings
The MDF12 and MDF27 can be used with wire diameters
ranging from 22 to 14 AWG and provides for a current
capacity of up to 15 A when using 14 AWG.
Contacts are suitable for use with readily available
UL1007 and UL1015 wire types.
Product specifications
Rated value
Rated current
(Note 1)
14 AWG : 15A
16 AWG : 10A
18 AWG : 9A
20 AWG : 5A
22 AWG : 5A
Operating temperature range
Operating humidity range
-35 to 85 ç (Note 2)
20 to 80 %
Rated voltage
300V AC
Storage temperature range
Storage humidity range
-10 to 60 ç (Note 3)
40 to 70 % (Note 3)
Items
Specifications
Conditions
1. Crimp Contact
resistance
15 mø min.
Measured at 100 mA
2. Vibration
resistance
No damaged or loosened parts.
Frequency: 10 to 55 Hz; half amplitude: 0.75 mm,
in 3 directions for 2 hours
3. Moisture
resistance
No damaged or loosened parts.
Left for 96 hours at a temperature of 40 ç ±2 ç and with
humidity of 90 to 95 %
4. Temperature
cycle
No damaged or loosened parts.
(-55 ç for 30 minutes→ 5 to 35 ç for 10 minutes→ 85 ç
for 30 minutes→ 5 to 35 ç for 10 minutes) in 5 cycles
for 5 cycles
5. Solder heat
resistance
No loosening affecting the performance.
Flow: 250 ç for
10 seconds
Hand soldering: soldering iron
temperature 300 ç for 3 seconds
Note 1: The rated current differs depending on the wire size used.
Note 2: Includes the temperature rise when energized.
Note 3: Storage described here indicates the long-term-storage of unused items before they are mounted on PCB.
Operating humidity range applies to the non-energized state after the items are mounted on PCB.
Material
Product
Component
Material
Finish
Crimping contact
Contact
Brass
Tin plating
Note: Our tin plating process helps prevent whiskering.
MDF12/27 Series
Crimp Contact for Direct Joining Thick Wire PCB
Thick Wire Crimp Contact for Direct Soldering to PCB


Similar Part No. - MDF27

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF27-1416P HIROSE-MDF27-1416P Datasheet
111Kb / 4P
Crimping Contact Directly Mounted on Board
MDF27-1416PC HIROSE-MDF27-1416PC Datasheet
111Kb / 4P
Crimping Contact Directly Mounted on Board
MDF27-1416PCF HIROSE-MDF27-1416PCF Datasheet
111Kb / 4P
Crimping Contact Directly Mounted on Board
MDF27-1822P HIROSE-MDF27-1822P Datasheet
111Kb / 4P
Crimping Contact Directly Mounted on Board
MDF27-1822PC HIROSE-MDF27-1822PC Datasheet
111Kb / 4P
Crimping Contact Directly Mounted on Board
More results

Similar Description - MDF27

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF12 HIROSE-MDF12 Datasheet
205Kb / 4P
Crimp Contact for Direct Joining Thick Wire PCB
logo
PHOENIX CONTACT
1016274 PHOENIX-1016274 Datasheet
642Kb / 16P
PCB direct plug, Crimp connection
2020-02-20 version 01
1016277 PHOENIX-1016277 Datasheet
638Kb / 16P
PCB direct plug, Crimp connection
2020-02-20 version 01
logo
CONEC Elektronische Bau...
132C15029X CONEC-132C15029X Datasheet
628Kb / 1P
Signal Crimp-Contact Socket Contact Wire Size 24-28
15.07.10
131A15019X CONEC-131A15019X Datasheet
58Kb / 1P
SIGNAL CRIMP CONTACT MALE CONTACT Wire Size 20-24
30.01.2002
131A15029X CONEC-131A15029X Datasheet
37Kb / 1P
SIGNAL CRIMP CONTACT MALE CONTACT Wire Size 24-28
30.04.08
131B15019X CONEC-131B15019X Datasheet
58Kb / 1P
SIGNAL CRIMP CONTACT MALE CONTACT Wire Size 20-24
30.01.2002
131C15019X CONEC-131C15019X Datasheet
58Kb / 1P
SIGNAL CRIMP CONTACT MALE CONTACT Wire Size 20-24
30.01.2002
131C15029X CONEC-131C15029X Datasheet
37Kb / 1P
SIGNAL CRIMP CONTACT MALE CONTACT Wire Size 24-28
30.04.08
logo
WECO ELECTRICAL CONNECT...
110-AP-211 WECO-110-AP-211 Datasheet
138Kb / 1P
Plug connector Screw connection, direct contact to PCB
08.20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com