Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF27 Datasheet(PDF) 2 Page - Hirose Electric

Part # MDF27
Description  Crimp Contact for Direct Joining Thick Wire PCB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF27 Datasheet(HTML) 2 Page - Hirose Electric

  MDF27 Datasheet HTML 1Page - Hirose Electric MDF27 Datasheet HTML 2Page - Hirose Electric MDF27 Datasheet HTML 3Page - Hirose Electric MDF27 Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
MDF12/27 Series
●Crimp Contact for Direct Joining Thick Wire PCB Thick Wire Crimp Contact for Direct Soldering to PCB
Applicable wire size
(tin-plated annealed copper wires)
Wire strip length
3.3 to 4.2 mm
Recommended through-hole diameter
on PCB 1.8
[I] side
[II] side
MDF 12 A - 1822 PCF
Series Name: MDF
Series No.
12: Right angle type
27: Coplanar type
Jacket outer diameter type
None: For jacket diameters from 1.5 to 2.2 mm
(UL1007-equivalent)
A
: For jacket diameters from 2.1 to 2.9 mm
(UL1015-equivalent)
Applicable wire size
1822: 18 to 22 AWG
1416: 14 to 16 AWG
State type/packaging type
PCF: plug contact/reel
PC : plug contact/loose pieces
Conductor size (construction)
14 AWG (41/0.25 mm)
16 AWG (26/0.254mm)
18 AWG (34/0.18mm)
20 AWG (21/0.18mm)
22 AWG (17/0.16mm)
Note: Please contact our Sales Dept. when using
wires other than those noted above.
MDF27 Series
Part No.
HRS No.
Applicable wire
Type
AWG
Jacket outer
diameter
MDF27-1822PCF
547-0286-0
18 to 22
AWG
1.5mm to
2.2mm
5,000 pcs/reel
MDF27-1822PC
-----------
100 pcs/pack
MDF27A-1822PCF
-----------
2.1mm to
2.9mm
3,500 pcs/reel
MDF27A-1822PC
-----------
100 pcs/pack
MDF27-1416PCF
-----------
14 to 16
AWG
2.4mm to
2.7mm
2,500 pcs/reel
MDF27-1416PC
-----------
100 pcs/pack
MDF27A-1416PCF 547-0296-3
2.6mm to
3.6mm
2,500 pcs/reel
MDF27A-1416PC
-----------
100 pcs/pack
●Applicable thickness of the PCB is 1.6 mm
MDF12 Series
Note: Dimensions for the 14 to 16
AWG MDF12 contact is shown above.
Part No.
HRS No.
Applicable wire
Type
A
dimension
B
dimension
AWG
Jacket outer
diameter
MDF12-1822PCF
547-0196-9
18 to 22
AWG
1.5mm to
2.2mm
5,000 pcs/reel
9.4
3.2
MDF12-1822PC
547-0221-4
100 pcs/pack
MDF12A-1822PCF 547-0208-6
2.1mm to
2.9mm
3,500 pcs/reel
MDF12A-1822PC
547-0222-7
100 pcs/pack
MDF12-1416PCF
547-0209-9
14 to 16
AWG
2.4mm to
2.7mm
2,500 pcs/reel
11.2
3.6
MDF12-1416PC
-----------
100 pcs/pack
MDF12A-1416PCF 547-0210-8
2.6mm to
3.6mm
2,500 pcs/reel
MDF12A-1416PC
547-0224-2
100 pcs/pack
●Recommended through-hole diameter on PCB 1.8
+
0
0.1
●Applicable thickness of the PCB 1.6
Product Number Structure
Contact
+0.1
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com