Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H2.4-R-SR2 Datasheet(PDF) 1 Page - Hirose Electric

Part # H2.4-R-SR2
Description  2.4mm coaxial connectors for frequency test measurements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

H2.4-R-SR2 Datasheet(HTML) 1 Page - Hirose Electric

  H2.4-R-SR2 Datasheet HTML 1Page - Hirose Electric H2.4-R-SR2 Datasheet HTML 2Page - Hirose Electric H2.4-R-SR2 Datasheet HTML 3Page - Hirose Electric H2.4-R-SR2 Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NEW
2016.8
q
Compatible with 50GHz configurations
2.4mm coaxial connectors for frequency test measurements
H2.4 Series
FREQUENCY CHARACTERISTICS
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
010
20
30
40
50
FREQUENCY[GHz]
-5
-4
-3
-2
-1
0
FREQUENCY CHARACTERISTICS
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
0
10
2030
4050
FREQUENCY[GHz]
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
Features
1. 2.4mm coaxial connector based on
MIL Specifications
(MIL-STD-348B)
2. Compatible with the frequency range
of up to 50GHz
3. Easy to mount
Simplified mounting with attaching screws.
4. Can be adapted to various PCB thicknesses
Screw-on mounting allows attachment to PCB
boards with different thicknesses.
5. Gold plating on the PCB evaluation
side provides stable grounding
6. Applicable cable : 0.085 inch semi-
flexible cable.
7. RoHS-compatible
Compliant with all RoHS Directives.
●Frequency characteristics (Typical values)
◆H2.4-P-SF085 with double ended harness
assembly, frequency characteristics
(Cable length : 100mm)
◆H2.4-R-SR2 frequency characteristics


Similar Description - H2.4-R-SR2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-11C02 GLENAIR-M24758-11C02 Datasheet
50Kb / 2P
Adapter for Coaxial Connectors
M24758-11-02-02 GLENAIR-M24758-11-02-02 Datasheet
111Kb / 2P
Adapter for Coaxial Connectors
M24758-11-16-01 GLENAIR-M24758-11-16-01 Datasheet
78Kb / 2P
Adapter for Coaxial Connectors
logo
Hirose Electric
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
logo
Molex Electronics Ltd.
73387-0020 MOLEX8-73387-0020 Datasheet
706Kb / 2P
Precision Test Connectors 2.4mm Compression-Mount
logo
Pasternack Enterprises,...
PE3VNA4005 PASTERNACK-PE3VNA4005 Datasheet
453Kb / 5P
VNA Ruggedized Test Cable 2.4mm Male to 2.4mm Female 40GHz, RoHS
PE3VNA4004 PASTERNACK-PE3VNA4004 Datasheet
448Kb / 5P
VNA Ruggedized Test Cable 2.4mm Male to 2.4mm Male 40GHz, RoHS
logo
Winchester Electronics ...
TRU-11244 WINCHESTER-TRU-11244 Datasheet
71Kb / 1P
CONNECTOR,COAXIAL 2.4MM(F) TO 2.4MM(F) ADAPTER
logo
Pasternack Enterprises,...
PE363 PASTERNACK-PE363 Datasheet
385Kb / 4P
2.4mm Male to 2.4mm Male Test Cable Using PE-P160 Coax
logo
List of Unclassifed Man...
415-0536-006 ETC2-415-0536-006 Datasheet
333Kb / 1P
2.4mm 50 GHz Test Cable Assemblies
2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com