Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H2.4-R-SR2 Datasheet(PDF) 2 Page - Hirose Electric

Part # H2.4-R-SR2
Description  2.4mm coaxial connectors for frequency test measurements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

H2.4-R-SR2 Datasheet(HTML) 2 Page - Hirose Electric

  H2.4-R-SR2 Datasheet HTML 1Page - Hirose Electric H2.4-R-SR2 Datasheet HTML 2Page - Hirose Electric H2.4-R-SR2 Datasheet HTML 3Page - Hirose Electric H2.4-R-SR2 Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
H2.4 Series●2.4mm coaxial connectors for frequency test measurements
Product Specifications
Ratings
Nominal characteristic
impedance
50ø
Operating Temperature
Range
-55ç to +105ç (95% RH or less)
Rated frequency
DC to 50GHz
Storage Temperature
Range
-55ç to +50ç (95% RH or less)
Items
Specifications
Conditions
1. Contact resistance
Center : Less than 4mø
External : Less than 2mø
Measured at less than 100mA
2. Insulation resistance
1,500Mø min. (H2.4-P-SF085)
5,000Mø min. (H2.4-R-SR2)
Measured at 500V DC
3. Withstanding voltage
No flashover or breakdown
500V AC for one minute
4. Voltage standing
wave ratio
●H2.4-P-SF085
●H2.4-R-SR2
V.S.W.R. : Less than 1.35 (DC to 40GHz)
V.S.W.R. : 1.35 (DC to 26.5GHz)
V.S.W.R. : Less than 1.45 (40GHz to 50GHz) V.S.W.R. : 1.4 (26.5GHz to 40GHz)
V.S.W.R. : 1.45 (40GHz to 50GHz)
5. Mating Cycles
Contact resistance at center : Less than 6mø
External : Less than 4mø
No broken, cracked, or loose parts
500 cycles
6. Vibration resistance
No electrical discontinuity for more than
1μs.
No broken, cracked, or loose parts
Frequency : 10 to 2000Hz, half amplitude : 0.75mm,
Acceleration : 196m/s2, 10 cycles in each of 3 axis
directions
7. Shock resistance
No electrical discontinuity for more than
1μs.
No broken, cracked, or loose parts
Acceleration : 980m/s2, duration : 6ms,
Wave form : half-sine wave, 3 times in each of
3 directions
8. Moisture resistance of
temperature/humidity
cycle
Insulation resistance : More than 100Mø
(in a high humidity environment)
Insulation resistance : More than 5,000Mø
(in a dry environment)
No broken, cracked or loose parts
Left for 10 cycles (240 hours) in an environment with
the temperature ranging from -10 to 65°C and the
humidity ranging from 90 to 98%.
9. Temperature cycle
No broken, cracked or loose parts
Temperature : 5 cycles for a series of time periods :
_55ç for 30 minutes
→ 3 minutes →
+105ç for 30 minutes
→ 3 minutes
10. Salt spray
No considerable corrosion
Continuous 48 hour cycle in 5% salt water solution
*Measurement of voltage standing wave ratio (V.S.W.R.)
The specified values of the voltage standing wave ratio (V.S.W.R.) noted above, are taken with the test set up shown in the
figure below:
Materials / Finish
Part
Materials
Finish
Shell
Stainless steel
Passivated
Insulator
PTFE resin
---------------
Contact
Beryllium copper
Gold plating
Ring
Stainless steel
Gold plating
Network Analyzer
D.U.T.
Test Port Cable
H2.4-P-SF085 measurement system
H2.4-P-SF085 with double ended harness
D.U.T. details
H2.4-R-SR2 measurement system
D.U.T. details
H2.4-R-SR2
H2.4-R-SR2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com