Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEMDLP-R Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASEMDLP-R
Description  LOW JITTER PIN CONFIGURABLE DUAL LVPECL OUTPUT ASEMDLP ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEMDLP-R Datasheet(HTML) 1 Page - Abracon Corporation

  ASEMDLP-R Datasheet HTML 1Page - Abracon Corporation ASEMDLP-R Datasheet HTML 2Page - Abracon Corporation ASEMDLP-R Datasheet HTML 3Page - Abracon Corporation ASEMDLP-R Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 11.05.14
Visit
www.abracon.comfor Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
|||| | | | | | | | | | | |
3.2 x 2.5 x 0.85 mm
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
Low Jitter
MEMS
Technology!
.
• Consumer Electronics
• Storage Area Networks
• SATA, SAS, Fibre Channel
• Passive Optical Networks
• EPON, 10G-EPON, GPON, 10G-PON
• Ethernet
• 1G, 10GBASE-T/KR/LR/SR, and FCoE
• PCI Express
• Ultra Miniature Pure Silicon
• Pin Configurable LVPECL Dual output
• Low Jitter (Period Jitter RMS 3ps typical)
• Low Integrated Phase Jitter 2ps max
• Excellent Shock & Vibration Immunity
TM
Clock Oscillator
Low Jitter
Pin Configurable
LVPECL Dual Output
3G MEMS
ULTRA MINIATURE PURE SILICONTMCLOCK OSCILLATOR
ASEMDLP
LOW JITTER PIN CONFIGURABLE DUAL LVPECL OUTPUT
ASEMDLP
Ordering Info
Freq
(MHz)
Freq Select Bits [FS2, FS1, FS0] – Default is [111]
000
001
010
011
100
101
110
111
Frequency
Configuration 1
fOUT1
106.25
100
125
156.25
156.25
156.25
125
400
fOUT2
25
100
125
156.25
25
125
25
200
Custom
Configuration
fOUT1
Contact Abracon for customized configurations
fOUT2
Frequency select bits [FS2, FS1, FS0] are weakly tied high so if left floated, the default setting will be [111] and the device
will output the associated frequency highlighted in Bold. If other frequency combinations are required, please contact
Abracon for customized configuration. Please see the configurable frequency range in the section 2.0
Parameters
Minimum
Typical
Maximum
Units
Notes
Configurable frequency range
10
-----
460
MHz Commercial,
Industrial temp range
Operating Temperature
-20
-----
+70
°C
See options
Storage Temperature
-55
-----
+150
°C
Overall Frequency Stability*1
-50
-----
+50
ppm
See options
Supply Voltage (Vdd)
+2.25
-----
+3.6
V
Startup Time
-----
-----
5
ms
Enable Time
-----
-----
20
ns
Disable Time
-----
-----
5
ns
Disable Current
-----
21
23
mA
Tri-state Function (Standby/Disable)
"1" (VIH≥0.75*Vdd) or Open: Oscillation
"0" (VIL<0.25*Vdd) : Hi Z
V
40kΩ pull-up resistor
embedded
Aging
-5.0
-----
+5.0
ppm
First year
Supply Current (Idd)
-----
89
-----
mA
RL=50Ω, 156.25MHz
Output Logic Level
VOH
Vdd-1.08
-----
-----
V
RL=50 Ω
VOL
-----
-----
Vdd-1.55
Peak to Peak Output Swing
-----
800
-----
mV
Single-Ended
Rise Time
Tr
-----
250
-----
ps
RL=50 Ω, CL=2pF
20% to 80%
Fall Time
Tf
-----
250
-----
ps
Duty Cycle
48
-----
52
%
Differential
Pre-programmed Output Frequency Configuration
Key Electrical Specifications
*1. Frequency stability includes frequency variations due to initial tolerance, temp. and power supply voltage
Moisture Sensitivity Level – MSL 1
Pb RoHS/RoHS II compliant


Similar Part No. - ASEMDLP-R

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEMDLP-LR ABRACON-ASEMDLP-LR Datasheet
2Mb / 4P
ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR LOW JITTER PIN CONFIGURABLE DUAL LVPECL OUTPUT
11.05.14
More results

Similar Description - ASEMDLP-R

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEMCC3 ABRACON-ASEMCC3 Datasheet
3Mb / 4P
LOW JITTER PIN CONFIGURABLE CMOS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.10.11
ASEMDLV ABRACON-ASEMDLV Datasheet
2Mb / 4P
LOW JITTER PIN CONFIGURABLE DUAL LVDS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
02.06.14
ASEMCC ABRACON-ASEMCC Datasheet
3Mb / 4P
LOW JITTER PIN CONFIGURABLE CMOS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
11.17.14
ASEMCLP ABRACON-ASEMCLP Datasheet
2Mb / 4P
LOW JITTER PIN CONFIGURABLE LVPECL OUTPUT ULTRA MINIATURE PURE SILICON SMD CLOCK OSCILLATORSILLATORS
11.17.14
ASEMDC ABRACON-ASEMDC Datasheet
3Mb / 4P
LOW JITTER PIN CONFIGURABLE DUAL CMOS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
11.05.14
ASEMDHC ABRACON-ASEMDHC Datasheet
2Mb / 4P
LOW JITTER PIN CONFIGURABLE DUAL HCSL OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
11.05.14
ASEMDLC ABRACON-ASEMDLC Datasheet
3Mb / 5P
LOW JITTER PIN CONFIGURABLE LVDS-CMOS DUAL OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
11.05.14
ASEMCC3-LR ABRACON-ASEMCC3-LR Datasheet
3Mb / 4P
LOW JITTER PIN CONFIGURABLE CMOS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
11.17.14
ASEMDC1-ZR ABRACON-ASEMDC1-ZR Datasheet
3Mb / 4P
LOW JITTER PIN CONFIGURABLE DUAL CMOS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
11.05.14
ASEMDLP-LR ABRACON-ASEMDLP-LR Datasheet
2Mb / 4P
ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR LOW JITTER PIN CONFIGURABLE DUAL LVPECL OUTPUT
11.05.14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com