Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEMDLP-R Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASEMDLP-R
Description  LOW JITTER PIN CONFIGURABLE DUAL LVPECL OUTPUT ASEMDLP ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEMDLP-R Datasheet(HTML) 2 Page - Abracon Corporation

  ASEMDLP-R Datasheet HTML 1Page - Abracon Corporation ASEMDLP-R Datasheet HTML 2Page - Abracon Corporation ASEMDLP-R Datasheet HTML 3Page - Abracon Corporation ASEMDLP-R Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 11.05.14
Visit
www.abracon.comfor Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
|||| | | | | | | | | | | |
APPLICATIONS:
3.2 x 2.5 x 0.85 mm
ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
Key Electrical Specifications (continued)
PHASE JITTER
(left blank if standard)
ABSOLUTE MAXIMUM RATINGS
ASEMDLP
LOW JITTER PIN CONFIGURABLE DUAL LVPECL OUTPUT
ASEMDLP
OPTIONS AND PART IDENTIFICATION:
Parameters
Minimum
Typical
Maximum
Units
Notes
Period Jitter RMS (JPER)
-----
2.5
-----
ps
F01=F02= 156.25MHz
Integrated Phase Jitter (JPH)
-----
0.25
2
ps
200kHz ~ 20MHz,
156.25MHz
-----
0.38
2
100kHz ~ 20MHz,
156.25MHz
-----
1.70
2
12kHz ~ 20MHz,
156.25MHz
Item
Minimum Maximum Unit Condition
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
Vdd+0.3
V
Junction Temp.
-----
+150
°C
Storage Temp.
-55
+150
°C
Soldering Temp.
-----
+260
°C
40sec max
ESD
HBM
MM
CDM
4,000
400
1,500
V
0.0
0.5
1.0
1.5
2.0
2.5
0
200
400
600
800
1000
Low-end of integration BW: x kHz to 20 MHz
156MHz-LVPECL
212MHz-LVPECL
320MHz-LVPECL
410MHz-LVPECL
Frequency
Combination
Freq
(MHz)
Freq Select Bits [FS2, FS1, FS0] – Default is [111]
000
001
010
011
100
101
110
111
Standard
Configuration
fOUT1
106.25
100
125
156.25
156.25
156.25
125
400
fOUT2
25
100
125
156.25
25
125
25
200
Custom
Configuration
fOUT1
Contact Abracon for customized configurations
fOUT2
Default condition: Frequency select bits [FS2, FS1, FS0] are all left floated. FS2, FS1, FS0 are pulled high [111]
Frequency combination and default frequency is customized upon request. Please contact Abracon for the frequency combinations.
ASEMDLP - - -
Operating Temp.
Blank: -20°C ~ +70°C
L: -40°C ~ +85°C
Overall Freq. Stability
Blank: ±50ppm
R: ±25 ppm
Packaging
Blank: Tube (110pcs / Tube)
T: Tape & Reel (1kpcs / reel)
T3: Tape & Reel (3kpcs / reel)
T5: Tape & Reel (5kpcs / reel)
Pb RoHS/RoHS II compliant



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com