Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE7/12-1H-S-T-G-L2-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFE7/12-1H-S-T-G-L2-R
Description  High switching capacity
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE7/12-1H-S-T-G-L2-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFE7/12-1H-S-T-G-L2-R Datasheet HTML 1Page - Hongfa Technology HFE7/12-1H-S-T-G-L2-R Datasheet HTML 2Page - Hongfa Technology HFE7/12-1H-S-T-G-L2-R Datasheet HTML 3Page - Hongfa Technology HFE7/12-1H-S-T-G-L2-R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
oe 8? L?=IGG?H> NI =BIIM? NB? M?HMCNCP? P?LMCIH dM;G? J;LN HOG<?Lg <ON QCNB MJ?=C;F MO@@CR dolmee C@ NB? BCAB?L =ICF ;=NCP;NCIH CM ;FFIQ;<F?v 1F?;M?
=BIIM? NB? M?HMCNCP? P?LMCIH dM;G? J;LN HOG<?Lg <ON QCNB MJ?=C;F MO@@CR dolmee C@ NB? L?F;S NI <? OM?> CH NB? ?RNL?G? ?HPCLIHG?HN IL Q?F>?> <S Q;P?
MIF>?LCHAv 1F?;M? =B?=E QCNB *}cM ?HACH??L <?@IL? >?MCAHCHA NB? L?F;S NI SIOL ;JJFC=;NCIH C@ NB?L? ;L? MIG? L?KOCL?G?HNMc IONMC>? NB? MJ?=C@C=;NCIH Q? JLIPC>?>i
?VZNY3 le l*gm* G?;HM NB;N L?F;S CM IH NB? `L?M?N` MN;NOM QB?H >?FCP?LSv l{g m{ G?;HM NB;N L?F;S CM IH NB? `M?N` MN;NOM QB?H >?FCP?LSi 5B?L? ;L?
HI 6- ;JJLIP;F IH l{g m{ P?LMCIHi
me 6H>?L NB? ;G<C?H=? QCNB >;HA?LIOM A;M FCE? *m4g 40m IL /0mg JF;MNC= M?;F?> NSJ? CM L?=IGG?H>?>v 1F?;M? N?MN NB? L?F;S CH L?;F ;JJFC=;NCIHMi
+@ NB? ;G<C?H=? ;FFIQMg @FOR JLII@?> NSJ? CM JL?@?L?HNC;FFS L?=IGG?H>?>i zIHN;=N CM L?=IGG?H>?> @IL MOCN;<F? =IH>CNCIH ;H> MJ?=C@C=;NCIHM
C@ Q;N?L =F?;HCHA IL MOL@;=? JLI=?MM CM CHPIFP?> CH ;MM?G<FCHA L?F;SM IH 1zyi
ne }IL NB? ;JJFC=;NCIH QCNB CHLOMB =OLL?HN =IH>CNCIHMg MO=B ;M F;GJ FI;>g GINIL FI;>g =;J;=CN;H=? FI;>g =ICF FI;>g ?N=ig Q? MOAA?MN OM? NB?
@FOR JLII@ ;H> HI AIF>?H JF;N?> xA4H0m =IHN;=N P?LMCIHi
d/I 6- ;JJLIP;F
IH 4CHAF? MC>?
MN;<F? P?LMCIHe
CWNLRJS LVMNpe
HHH3 zOMNIG?L MJ?=C;F L?KOCL?G?HN
?RS3 4N;H>;L>
pe 5B? =OMNIG?L MJ?=C;F L?KOCL?G?HN ?RJL?MM ;M MJ?=C;F =I>? ;@N?L ?P;FO;NCHA <S *IHA@;i ?iAi dnpte MN;H>M @IL -;GJ FI;>i
nk
/;3l}ILG x
/73l}ILG y
0;3m}ILGx 073m}ILG y /;73 lxf ly
6[YZVTNX YWNLRJS LVMN +6VRS WV]NX,
me
le
n
p
q
t
lm
mo
mil
nip
oim
qin
sio
lqis
nmilfnmil
stinfstin
lmtflmt
mstfmst
plofplo
mkpqfmkpq
mliofmlio
ptipfptip
spirfspir
ltmitfltmit
nomitfnomit
lnrlioflnrlio
ne
oe
pk
pk
pk
pk
pk
pk
?VZNY3 le xFF P;FO?M OHMJ?=C@C?> ;L? ;N LIIGN?GJ?L;NOL?i
me 0HFS NSJC=;F FI;>M ;L? FCMN?> ;<IP?i 0NB?L FI;> MJ?=C@C=;NCIHM =;H <? ;P;CF;<F? OJIH L?KO?MNi
6@<= 74D4
;N mn
C498DI 4AAB@F4= B4D<?:C
@B78B<?: <?9@B>4D<@?
D^WN
*}|r j
6VRS \VSZJPN
ng pg qg tg lmg mo7{z
lm
4
d999e
hl*
6VUZJLZ OVXT
h3
AVSJXRZ^
6VUYZX[LZRVU
C3 1F;MNC= M?;F?>
?RS3 }FOR JLII@?>
h-m
CVXZ
6VUZJLZ WSJZRUP
:3 ~IF> JF;N?>
?RS3 /I AIF> JF;N?>
~
6VUZJLZ TJZNXRJS
D3 xA4H0m
?RS3 xA/C
5
B3 /?A;NCP? JIF;LCNS
?RS3 1IMCNCP? JIF;LCNS
7V[KSN LVRSY SJZLQRUP
/IGCH;F 7IFN;A?
7{z
4?N j 3?M?N 7IFN;A?
7{z
G;Ri
omkG8
mskG8
1OFM? {OL;NCIH
GM
GCHi
+1/0,3 4?HMCNCP? ?RS3 *CAB M?HMCNCP?
d999e
zICF 3?MCMN;H=? R dl lkae
=/3 l =ICF F;N=BCHA
=03 m =ICFM F;N=BCHA ?RS3 4CHAF? MC>? MN;<F?
l}ILG x
l}ILG xfl }ILG y
m}ILG x
l}ILG x
m}ILG x
l}ILG xfl }ILG y
E=.6E=
xA/C
xA4H0m
F78
xA4H0mg xA/C
xA4H0m
xA4H0mg xA/C
xA/C
xA/C
xA/C
xA4H0m
lkx mpk7xz
sx nk7{z
ljo*1 lmp7xz
ljn*1 mpk7xz
lkx nk7{z
ynkkg 3nkk
lkx mpk7xz
ljo *1 lmp7xz
ljn *1 mpk7xz
sx mpk7xzjnk7{z
ljo*1 lmp7xz
ljn*1 mpk7xz
qkk8 lmp7xz
ynkkg 3nkk
sx mpk7xzjnk7{z
ljo*1 lmp7xz
ljn*1 mpk7xz
ynkkg 3nkk
lkx mpk7xz d=IMWwle
px mpk7xz d=IMWwkioe
sx mpk7xz d=IMWwle
nipx mpk7xzd=IMWwkioe
sx mpk7xz d=IMWwle
nipx mpk7xz d=IMWwkioe



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com