Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE7/12-1H-S-T-G-L2-R Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFE7/12-1H-S-T-G-L2-R
Description  High switching capacity
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE7/12-1H-S-T-G-L2-R Datasheet(HTML) 1 Page - Hongfa Technology

  HFE7/12-1H-S-T-G-L2-R Datasheet HTML 1Page - Hongfa Technology HFE7/12-1H-S-T-G-L2-R Datasheet HTML 2Page - Hongfa Technology HFE7/12-1H-S-T-G-L2-R Datasheet HTML 3Page - Hongfa Technology HFE7/12-1H-S-T-G-L2-R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
?VZNY3 5B? >;N; MBIQH ;<IP? ;L? CHCNC;F P;FO?Mi
F
78
mt
{C?F?=NLC=
4NL?HANB
9NJZ[XNY
}CF? /Iiu|lnoplr
*0/~}x 3|-x:
+40tkklg +40j54lqtot g +40lokklg 0*4x4lskklg +|z22z kskkkk z|35+}+|{
mklq 3?Pi likk
}CF? /Iiuokkmrnom
zICF JIQ?L
4CHAF? =ICFM F;N=BCHA
{IO<F? =ICFM F;N=BCHA
4CHAF?
MC>? MN;<F?
n
p
q
t
lm
mo
mil
nip
oim
qin
sio
lqis
kin
kip
kiq
kit
lim
mio
n
p
q
t
lm
mo
mil
nip
oim
qin
sio
lqis
op
lmp
lsk
okp
rmk
mssk
nmil
stin
lmt
mst
plo
mkpq
mlio
ptip
spir
ltmit
nomit
lnrlio
op
lmp
lsk
okp
rmk
mssk
nk
snin
lmk
mrk
osk
ltmk
pk
pk
pk
pk
pk
pk
;982
xA4H0mgxA/C
lxg ly
lkkk. d;N pkk7{ze
okkk7xz lGCH
lkkk7xz lGCH
lkGM G;Ri
CE5><?<4DEB8 <?D8B>87<4D8 A@G8B B8=4I
6@?D46D 74D4
6;4B46D8B<CD<6C
zIHN;=N L?MCMN;H=?
+HMOF;NCIH L?MCMN;H=?
0J?L;N? NCG? dMCHAF? MC>? MN;<F?e
y?NQ??H =ICF b =IHN;=NM
xA/C fxO JF;N?>unkG G;Rid;N lx q7{ze
xA/CupkG G;Rid;N lx q7{ze
xA4H0m fxO JF;N?>uqkG G;Rid;N lxq7{ze
xA4H0muskG G;Rid;N lx q7{ze
6@<= 74D4
;N mn
6@<=
CRUPSN YRMN YZJKSN
/IGCH;F
7IFN;A?
7{z
1C=EhOJ
7IFN;A?
7{z
G;Ri
{LIJhION
7IFN;A?
7{z
GCHi
zICF 3?MCMN;H=?
R dl lkae
CRUPSN LVRS SJZLQRUP
/IGCH;F
7IFN;A?
7{z
4?N j3?M?N
7IFN;A?
7{z
G;Ri
zICF 3?MCMN;H=?
R dl lkae
mkkG8 mskG8 omkG8
nkkG8
mkkG8
1OFM?
{OL;NCIH
GM
GCHi
5?GJ?L;NOL? LCM? d;N HIGCi PIFNie
7C<L;NCIH L?MCMN;H=?
4BI=E L?MCMN;H=?
*OGC>CNS
xG<C?HN N?GJ?L;NOL?
5?LGCH;NCIH
6HCN Q?CABN
zIHMNLO=NCIH
pk , G;Ri
lk*T NI pp*T lipGG {x
tsGjMm
pa NI spa 3*
hok
NI rk
1zy
xJJLIRiqA
1F;MNC= M?;F?>g}FOR JLII@?>
.;Ri IJ?L;N? @L?KO?H=S
dOH>?L L;N?> FI;>e
3?F?;M? NCG? dMCHAF? MC>? MN;<F?e
mk =S=F?M jGCH
mxg myg lx fly
sx mpk7xzjnk7{z
mrr7xz
sx
mkkk7x
4?N NCG? dF;N=BCHAe
3?M?N NCG? dF;N=BCHAe
lkxmpk7xzjnk7{z
mrr7xz
lkx
mpkk7x
l R lkr014
c *CAB MQCN=BCHA =;J;=CNS
lxg lyu lkx mpk7xzjnk7{zv
mxg myg lxflyu sx mpk7xzjnk7{z
c *CAB M?HMCNCP?
c oE7 >C?F?=NLC= MNL?HANB d<?NQ??H =ICF b =IHN;=NMe
c 4CHAF? MC>? MN;<F? ;H> F;N=BCHA NSJ?M ;P;CF;<F?
c l}ILG xgl}ILG ygm}ILG xgm}ILG y ;H> lxfly
=IHN;=N ;LL;HA?G?HN
c |HPCLIHG?HN;F @LC?H>FS JLI>O=N d3I*4 =IGJFC;HNe
c 0ONFCH? {CG?HMCIHMu dmkik R lpik R lkime GG
zIHN;=N ;LL;HA?G?HN
zIHN;=N G;N?LC;F
y?NQ??H IJ?H =IHN;=NM
4?HMCNCP?
xJJLIRi mkkG8
xJJLIRi mskG8
xJJLIRi mkkG8
xJJLIRi mskG8
xJJLIRi nkkG8
xJJLIRi omkG8
xJJLIRi omkG8
lxglxfly
mx
5SJ?
*CAB M?HMCNCP?
|F?=NLC=;F ?H>OL;H=?
lxg ly NSJ?ul R lkp014 dlkx mpk7xzg
3?MCMNCP? FI;>ig ;N rkbg lipMIH lipMI@@e
lx flyg mxg my NSJ?un R lko014
dsx mpk7xzg 3?MCMNCP? FI;>ig
;N rkbg lipMIH lipMI@@e
.;Ri MQCN=BCHA 7IFN;A?
.;Ri MQCN=BCHA =OLL?HN
.;Ri MQCN=BCHA JIQ?L
.?=B;HC=;F ?H>OL;H=?
zIHN;=N L;NCHA
d3?Mi FI;>e
lkGM G;Ri
lkGM G;Ri
lkGM G;Ri


Similar Part No. - HFE7/12-1H-S-T-G-L2-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE7/12-1HDSTG-L1R HONGFA-HFE7/12-1HDSTG-L1R Datasheet
71Kb / 4P
SUBMINIATURE INTERMEDIATE POWER RELAY
HFE7/12-1HDSTG-L2R HONGFA-HFE7/12-1HDSTG-L2R Datasheet
71Kb / 4P
SUBMINIATURE INTERMEDIATE POWER RELAY
HFE7/12-1HSTG-L1R HONGFA-HFE7/12-1HSTG-L1R Datasheet
71Kb / 4P
SUBMINIATURE INTERMEDIATE POWER RELAY
HFE7/12-1HSTG-L2R HONGFA-HFE7/12-1HSTG-L2R Datasheet
71Kb / 4P
SUBMINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HFE7/12-1H-S-T-G-L2-R

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
Panasonic Semiconductor
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
High switching capacity 1a/1c 30A power relays
logo
TE Connectivity Ltd
41063 TEC-41063 Datasheet
431Kb / 2P
Switching capacity 4000VA
logo
CIT Relay & Switch
A17 CIT-A17 Datasheet
118Kb / 2P
Switching capacity up
J114AF CIT-J114AF Datasheet
105Kb / 3P
Switching capacity 16A
J114FL CIT-J114FL Datasheet
104Kb / 4P
Switching capacity 16A
logo
Omron Electronics LLC
A8M OMRON-A8M Datasheet
268Kb / 3P
Miniature Rocker Switch for High Capacity Switching
A8N OMRON-A8N Datasheet
281Kb / 3P
Dual-Pushbutton Switch for High Capacity Switching
A8W OMRON-A8W Datasheet
305Kb / 3P
Panel Seal Rocker Switch for High Capacity Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com