Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD3/24-L2-R-S-R Datasheet(PDF) 6 Page - Hongfa Technology

Part # HFD3/24-L2-R-S-R
Description  Surge withstand voltage up to 2500VAC, meets FCC Part 68 and Telecordia
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD3/24-L2-R-S-R Datasheet(HTML) 6 Page - Hongfa Technology

  HFD3/24-L2-R-S-R Datasheet HTML 1Page - Hongfa Technology HFD3/24-L2-R-S-R Datasheet HTML 2Page - Hongfa Technology HFD3/24-L2-R-S-R Datasheet HTML 3Page - Hongfa Technology HFD3/24-L2-R-S-R Datasheet HTML 4Page - Hongfa Technology HFD3/24-L2-R-S-R Datasheet HTML 5Page - Hongfa Technology HFD3/24-L2-R-S-R Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
T`h\mfA 81Ki ^\n` ja ij ojg`m\i^` ncjri di jpogdi` _dh`indjiA jpogdi` _dh`indji `8hh3 ojg`m\i^` ncjpg_ ]` w759hhB jpogdi` _dh`indji c8hh
\i_ `<hh3 ojg`m\i^` ncjpg_ ]` w75:hhB jpogdi` _dh`indji c<hh3 ojg`m\i^` ncjpg_ ]` w75;hh5
91Vc` ojg`m\i^` rdocjpo di_d^\odib ajm RED g\tjpo dn \gr\tn w758hh5
:1Vc` rd_oc ja oc` bmd__dib dn 95<;hh5
Fdn^g\dh`m
Vc` nk`^dad^\odji dn ajm m`a`m`i^` jigt5 U`` oj ,V`mhdijgjbt \i_ Ipd_`gdi`n, ajm hjm` diajmh\odji5 Uk`^dad^\odjin np]e`^o oj ^c\ib` rdocjpo ijod^`5
Y` ^jpg_ ijo `q\gp\o` \gg oc` k`majmh\i^` \i_ \gg oc` k\m\h`o`mn ajm `q`mt kjnnd]g` \kkgd^\odji5 Vcpn oc` pn`m ncjpg_ ]` di \ mdbco kjndodji oj
^cjjn` oc` npdo\]g` kmj_p^o ajm oc`dm jri \kkgd^\odji5 Ka oc`m` dn \it lp`mt3 kg`\n` ^jio\^o Jjiba\ ajm oc` o`^cid^\g n`mqd^`5 Jjr`q`m3 do dn oc` pn`mzn
m`nkjind]dgdot oj _`o`mhdi` rcd^c kmj_p^o ncjpg_ ]` pn`_ jigt5
v Zd\h`i Jjiba\ Gg`^omj\^jpnod^ Ej53 No_5 Cgg mdbcon ja Jjiba\ \m` m`n`mq`_5
381@13B5@9AB93 3C@D5A
OCZKOWO UYKVEJKPI RQYGT
Ejio\^o Epmm`io
87C
8C
877hC
87hX
87pC
FE T`ndnodq` Nj\_
CE T`ndnodq` Nj\_
87X
877X
8777X
:7X
8
7
:
87
8
877
<7
<77
GPFWTCPEG EWTXG
Ejio\^o Epmm`io 0C1
9
=TXOJL
<9
WidoA hh
B1?5 ?13:9=7
:7XFE
T`ndnodq` Nj\_
89<XCE
T`ndnodq` Nj\_
V\k` Fdh`indjin 0U8 otk`A Ucjmo o`mhdi\g UOV1
C
C
D
D
85<
;
9
8=
9hdi5
C4C
D4D
TGEQOOGPFGF YGNFKPI VGORGTCVWTG
TGHNQY YGNFKPI3VGORGTCVWTG
QP RED DQCTF
81Vcdn m`g\t dn cdbcgt n`indodq` kjg\mdu`_ m`g\t3 da ^jmm`^o kjg\mdot dn ijo \kkgd`_ oj oc` ^jdg o`mhdi\gn3 oc` m`g\t _j`n ijo jk`m\o` kmjk`mgt5
91Vj \qjd_ pndib m`g\tn pi_`m nomjib h\bi`od^ ad`g_ rcd^c rdgg ^c\ib` oc` k\m\h`o`mn ja m`g\tn np^c \n kd^f4pk qjgo\b` \i_ _mjk4jpo qjgo\b`5
:1T`g\t dn ji oc` {m`n`o| no\opn rc`i ]`dib m`g`\n`_ amjh noj^f3 rdoc oc` ^jind_`m\odji ja ncj^f mdn`i amjh om\indo \i_ m`g\t hjpiodib3 do ncjpg_
]` ^c\ib`_ oj oc` {n`o| no\opn rc`i \kkgd^\odji0^jii`^odib oj oc` kjr`m npkkgt15 Rg`\n` m`n`o oc` m`g\t oj {n`o| jm {m`n`o| no\opn ji m`lp`no5
;1 Gi`mbdudib ^jdg rdoc m\o`_ qjgo\b` dn ]\nd^ ajm ijmh\g jk`m\odji ja \ m`g\t3 kg`\n` h\f` npm` oc` `i`mbdu`_ qjgo\b` oj m`g\t ^jdg c\q` m`\^c`_ oc`
m\o`_ qjgo\b`5 T`b\m_dib g\o^cdib m`g\t3 di jm_`m oj h\dio\di oc` ,n`o, jm ,m`n`o, no\opn3 dhkpgn` rd_oc ja oc` m\o`_ qjgo\b` \kkgd`_ oj ^jdg ncjpg_
]` hjm` oc\i < odh`n ja ,n`o, jm ,m`n`o, odh`5
<1Hjm 9 ^jdg g\o^cdib m`g\t3 _j ijo `i`mbdu` qjgo\b` oj {n`o| ^jdg \i_ {m`n`o| ^jdg ndhpgo\i`jpngt5
=1Vc` m`g\t h\t ]` _\h\b`_ ]`^\pn` ja a\ggdib jm rc`i ncj^fdib ^ji_dodjin `s^``_ oc` m`lpdm`h`io5
>1Hjm UOV kmj_p^on3 q\gd_\odji rdoc m`\g \kkgd^\odji ncjpg_ ]` _ji` ]`ajm` tjpm n`md`n kmj_p^odji3 da oc` m`agjr4njg_`mdib o`hk`m\opm` ^pmq` dn jpo
ja jpm m`^jhh`i_\odji5 I`i`m\ggt3 orj4odh` m`agjr4njg_`mdib dn ijo m`^jhh`i_`_ ajm oc` m`g\t5 Jjr`q`m3 da orj4odh` m`agjr4njg_`mdib dn m`lpdm`_3
\ =74hdi5 dio`mq\g ncjpg_ ]` bp\m\io``_ \i_ \ q\gd_\odji ncjpg_ ]` _ji` ]`ajm` kmj_p^odji5
?1Ejio\^o dn m`^jhh`i_`_ ajm npdo\]g` ^ji_dodji \i_ nk`^dad^\odjin da r\o`m ^g`\idib jm npma\^` kmj^`nn dn diqjgq`_ di \nn`h]gdib m`g\tn ji RED5
@1T`b\m_dib oc` kg\nod^ n`\g`_ m`g\t3 r` ncjpg_ g`\q` do ^jjgdib i\opm\ggt piodgg ]`gjr ;7
jE \ao`m r`g_dib3 oc`i ^g`\i do \i_ _`\g rdoc ^j\odib3 m`h\mf\]gt
oc` o`hk`m\opm` ja njgq`ion ncjpg_ \gnj ]` ^jiomjgg`_ ]`gjr ;7
jE5Rg`\n` \qjd_ ^g`\idib oc` m`g\t ]t pgom\njid^3 \qjd_ pndib oc` njgq`ion gdf`
b\njgdi`3 Hm`ji3 \i_ nj ji3 rcd^c rjpg_ \aa`^o oc` ^jiadbpm\odji ja m`g\t jm diagp`i^` oc` `iqdmjih`io5
871C]jpo km`a`m\]g` ^ji_dodji ja jk`m\odji3 nojm\b` \i_ om\inkjmo\odji3 kg`\n` m`a`m oj ,Gskg\i\odji oj o`mhdijgjbt \i_ bpd_`odi`n ja m`g\t,5
881T`g\tn k\^f\b`_ di hjdnopm` ]\mmd`m ]\bn h``o OUN4: m`lpdm`h`ion5 Vc` m`g\tn ncjpg_ ]` nojm`_ \o \h]d`io ^ji_dodjin ja `:7a \i_ `=7-
TJ \ao`m oc`t \m` m`hjq`_ amjh oc`dm k\^f\bdib3 \i_ ncjpg_ ]` pn`_ rdocdi 8=? cjpmn5 Ka oc` m`g\tn ^\iijo ]` pn`_ rdocdi 8=? cjpmn3 kg`\n`
m`k\^f oc`h jm nojm` oc`h di \ _mtdib jq`i \o 9<a_<a3 `87- TJ5 Qoc`mrdn`3 m`g\tn h\t ]` np]e`^o`_ oj \ njg_`mdib o`no oj ^c`^f oc`dm
k`majmh\i^`3 jm oc`t h\t ]` pn`_ \ao`m f``kdib oc`h di \i jq`i ajm >9 cjpmn \o rdoc <7a_<a3 `:7- TJ5
97
^
:
^
h\s5
?59 759
75< 757<
:
^
h\s
0:5<1
@5@
0 1
h\s59;<
997
8?7
8<7
h\s5 877
h\s5 9?7
h\s5 877
h\s5 =7
h\s5 = 6n
h\s5 : 6n
V`hk`m\opm`
Rm`c`\odib
Ujg_`mdib
Vdh`0n1
BLWX JTSKOXOTSW0
T`ndnodq` gj\_3 \o ?<
jE3 8n ji @n jaa5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com