Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD3/24-L2-R-S-R Datasheet(PDF) 4 Page - Hongfa Technology

Part # HFD3/24-L2-R-S-R
Description  Surge withstand voltage up to 2500VAC, meets FCC Part 68 and Telecordia
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD3/24-L2-R-S-R Datasheet(HTML) 4 Page - Hongfa Technology

  HFD3/24-L2-R-S-R Datasheet HTML 1Page - Hongfa Technology HFD3/24-L2-R-S-R Datasheet HTML 2Page - Hongfa Technology HFD3/24-L2-R-S-R Datasheet HTML 3Page - Hongfa Technology HFD3/24-L2-R-S-R Datasheet HTML 4Page - Hongfa Technology HFD3/24-L2-R-S-R Datasheet HTML 5Page - Hongfa Technology HFD3/24-L2-R-S-R Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Udibg` nd_` no\]g` . 8 ^jdg g\o^cdib
9 ^jdgn g\o^cdib
0Djoojh qd`r1
Udibg` nd_` no\]g` . 8 ^jdg g\o^cdib
9 ^jdgn g\o^cdib
Udibg` nd_` no\]g` . 8 ^jdg g\o^cdib
9 ^jdgn g\o^cdib
0Djoojh qd`r1
Udibg` nd_` no\]g` . 8 ^jdg g\o^cdib
9 ^jdgn g\o^cdib
Pj `i`mbdu`_ ^ji_dodji
T`n`o ^ji_dodji
T`n`o ^ji_dodji
Udibg` nd_` no\]g`
9 ^jdgn g\o^cdib
8 ^jdg g\o^cdib
8<
858<
75<
>5<
<57?
@5:
8<
858<
75<
>5<
<57?
@5:
8<
858<
75<
>5<
<57?
>5<
8<
858<
75<
>5<
<57?
>5<
?
89
8
87
@
:;
<
?
89
>
8
=
87
@
:;
<
?
89
8
87
@
:;
<
Qmd`io\odji h\mf
>CB;9=5 49<5=A9>=A* E9@9=7 4917@1< 1=4 ?3 2>1@4 ;1G>CB
WidoA hh
Ydmdib Fd\bm\h
0Djoojh qd`r1
Qpogdi` Fdh`indjin
0U8 otk`A Ucjmo o`mhdi\g UOV1
RED N\tjpo
0U8 otk`A Ucjmo o`mhdi\g UOV1
Qpogdi` Fdh`indjin
0U otk`A Uo\i_\m_ UOV1
RED N\tjpo
0U otk`A Uo\i_\m_ UOV1
95<;
8
95<;
8
95<;
8
95<;
8
<7
Qmd`io\odji h\mf
Qmd`io\odji h\mf



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com