Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4250 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4250
Description  Programmable Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4250 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4250 Datasheet HTML 1Page - National Semiconductor (TI) LM4250 Datasheet HTML 2Page - National Semiconductor (TI) LM4250 Datasheet HTML 3Page - National Semiconductor (TI) LM4250 Datasheet HTML 4Page - National Semiconductor (TI) LM4250 Datasheet HTML 5Page - National Semiconductor (TI) LM4250 Datasheet HTML 6Page - National Semiconductor (TI) LM4250 Datasheet HTML 7Page - National Semiconductor (TI) LM4250 Datasheet HTML 8Page - National Semiconductor (TI) LM4250 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Electrical Characteristics (Continued)
V
S = ±15V
Parameter
Conditions
I
SET = 1 µA
I
SET =10 µA
Min
Max
Min
Max
Input Voltage Range
±13.5V
±13.5V
Large Signal Voltage
V
O = ±10V, RL = 100 kΩ
50k
Gain
R
L =10 kΩ
50k
Output Voltage Swing
R
L = 100 kΩ
±12V
R
L =10 kΩ
±12V
Common Mode Rejection Ratio
R
S ≤ 10 kΩ
70 dB
70 dB
Supply Voltage Rejection Ratio
R
S ≤ 10 kΩ
74 dB
74 dB
Supply Current
11 µA
100 µA
Power Consumption
330 µW
3 mW
Typical Performance Characteristics
Input Bias Current vs I
SET
DS009300-15
Input Bias Current vs
Temperature
DS009300-16
Input Offset Current vs
Temperature
DS009300-17
Unnulled Input Offset Voltage
Change vs I
SET
DS009300-18
Unnulled Input Offset Voltage
Change vs Temperature
DS009300-19
Peak to Peak Output Voltage
Swing vs Load Resistance
DS009300-20
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com