Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4250 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4250
Description  Programmable Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4250 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4250 Datasheet HTML 1Page - National Semiconductor (TI) LM4250 Datasheet HTML 2Page - National Semiconductor (TI) LM4250 Datasheet HTML 3Page - National Semiconductor (TI) LM4250 Datasheet HTML 4Page - National Semiconductor (TI) LM4250 Datasheet HTML 5Page - National Semiconductor (TI) LM4250 Datasheet HTML 6Page - National Semiconductor (TI) LM4250 Datasheet HTML 7Page - National Semiconductor (TI) LM4250 Datasheet HTML 8Page - National Semiconductor (TI) LM4250 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
(Note 3)
LM4250
LM4250C
Supply Voltage
±18V
±18V
Operating Temp. Range
−55˚C
≤ T
A ≤ +125˚C
0˚C
≤ T
A ≤ +70˚C
Differential Input Voltage
±30V
±30V
Input Voltage (Note 2)
±15V
±15V
I
SET Current
150 nA
150 nA
Output Short Circuit Duration
Continuous
Continuous
T
JMAX
H-Package
150˚C
100˚C
N-Package
100˚C
J-Package
150˚C
100˚C
M-Package
100˚C
Power Dissipation at T
A = 25˚C
H-Package (Still Air)
500 mW
300 mW
(400 LF/Min Air Flow)
1200 mW
1200 mW
N-Package
500 mW
J-Package
1000 mW
600 mW
M-Package
350 mW
Thermal Resistance (Typical)
θ
JA
H-Package (Still Air)
165˚C/W
165˚C/W
(400 LF/Min Air Flow)
65˚C/W
65˚C/W
N-Package
130˚C/W
J-Package
108˚C/W
108˚C/W
M-Package
190˚C/W
(Typical)
θ
JC
H-Package
21˚C/W
21˚C/W
Storage Temperature Range
−65˚C to +150˚C
−65˚C to +150˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
ESD tolerance (Note 4)
800V
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage
to the device may occur. Operating Ratings indicate conditions for which the
device is functional, but do not guarantee specific performance limits.
Note 2: For supply voltages less than ±15V, the absolute maximum input
voltage is equal to the supply voltage.
Note 3: Refer to RETS4250X for military specifications.
Note 4: Human body model, 1.5 k
Ω in series with 100 pF.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com