Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCJXXAL-SMC-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SMCJXXAL-SMC-R
Description  Excellent clamping capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SMCJXXAL-SMC-R Datasheet(HTML) 2 Page - Unisonic Technologies

  SMCJXXAL-SMC-R Datasheet HTML 1Page - Unisonic Technologies SMCJXXAL-SMC-R Datasheet HTML 2Page - Unisonic Technologies SMCJXXAL-SMC-R Datasheet HTML 3Page - Unisonic Technologies SMCJXXAL-SMC-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMCJ
TVS
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R229-002.F
ABSOLUTE MAXIMUM RATING (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Power Dissipation with a 10/1000μs Waveform (Note 2)
PPP
1500
W
Peak Pulse Current with a 10/1000μs Waveform (Note 2)
IPP
See ELECTRICAL
CHARACTERISTICS Table
A
Power Dissipation On Infinite Heatsink at TL= 75°C
PD
6.5
W
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Unidirectional Only (Note 3)
IFSM
200
A
Maximum Instantaneous Forward Voltage at 50 A for
Unidirectional Only (Note 4)
VF
3.5/5.0
V
Operating Junction Temperature
TJ
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Non-repetitive current pulse and derated above TA=25°C
3. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute
maximum.
4. VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V.
BREAKDOWN
VOLTAGE VBR @ IT
PART NUMBER
(Uni)
PART NUMBER
(Bi)
MIN
(V)
MAX
(V)
IT (mA)
MAXIMUM
REVERSE
LEAKAGE
IR @ VRWM
(µA)
WORKING
PEAK
REVERSE
VOLTAGE
VRWM (V)
MAXIMUM
REVERSE
SURGE
CURRENT
IPP (A)
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
(V)
SMCJ18A
SMCJ18CA
20.00
22.10
1
1
18
51.37
29.2
SMCJ24A
SMCJ24CA
26.70
29.50
1
1
24
38.56
38.9
SMCJ26A
SMCJ26CA
28.90
31.90
1
1
26
35.63
42.1
SMCJ28A
SMCJ28CA
31.10
34.40
1
1
28
33.04
45.4
SMCJ30A
SMCJ30CA
33.30
36.80
1
1
30
30.99
48.4
SMCJ33A
SMCJ33CA
36.70
40.60
1
1
33
28.14
53.3
SMCJ36A
SMCJ36CA
40.00
44.20
1
1
36
25.82
58.1
SMCJ58A
SMCJ58CA
64.40
71.20
1
1
58
16.03
93.6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com