Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCJXXAL-SMC-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SMCJXXAL-SMC-R
Description  Excellent clamping capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SMCJXXAL-SMC-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SMCJXXAL-SMC-R Datasheet HTML 1Page - Unisonic Technologies SMCJXXAL-SMC-R Datasheet HTML 2Page - Unisonic Technologies SMCJXXAL-SMC-R Datasheet HTML 3Page - Unisonic Technologies SMCJXXAL-SMC-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SMCJ
TVS
www.unisonic.com.tw
1 of 4
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R229-002.F
SURFACE MOUNT TRANSIENT
VOLTAGE SUPPRESSORS
DESCRIPTION
The UTC SMCJ is a surface mount transient voltage supperssors,
it uses UTC’s advanced technology to provide customers with low
leakage and very fast response time, etc.
FEATURES
* Excellent clamping capability
* Low leakage
* Very fast response time
SYMBOL
SMC
(JEDEC DO-214AB)
+
-
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
Packing
SMCJXXAL-SMC-R
SMCJXXAG-SMC-R
SMC
K
A
Tape Reel
SMCJXXCAL-SMC-R
SMCJXXCAG-SMC-R
SMC
K
K
Tape Reel
Note: Pin Assignment: K: Cathode
A: Anode
(1) R: Tape Reel
(2) SMC: SMC
(3) L: Lead Free, G: Halogen Free and Lead Free
(4) A: 5% uni-directional, CA: 5% Bi-directional
(5) xxx: refer to ELECTRICAL CHARACTERISTICS
SMCJXXXL-SMC-R
(1)Packing Type
(2)Package Type
(3)Green Package
(4)Category
(5)Output Voltage Code
MARKING
Date Code
Voltage Code
Cathode Band for
uni-directional Only
UTC
SMCJXXXX
Category


Similar Part No. - SMCJXXAL-SMC-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJXXAQ-13-F DIODES-SMCJXXAQ-13-F Datasheet
509Kb / 6P
1,500W SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
July 2022Rev. 8 - 2
More results

Similar Description - SMCJXXAL-SMC-R

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
Excellent Clamping Capability
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
Excellent Clamping Capability
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
Excellent Clamping Capability
logo
Shanghai Semitech Semic...
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
Excellent Clamping Capability
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
Excellent clamping capability
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
Excellent clamping capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
Excellent clamping capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
Excellent clamping capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com