Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0502BA Datasheet(PDF) 2 Page - Littelfuse

Part # SP0502BA
Description  Surface Mount TVS Avalanche Diode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0502BA Datasheet(HTML) 2 Page - Littelfuse

  SP0502BA Datasheet HTML 1Page - Littelfuse SP0502BA Datasheet HTML 2Page - Littelfuse SP0502BA Datasheet HTML 3Page - Littelfuse SP0502BA Datasheet HTML 4Page - Littelfuse SP0502BA Datasheet HTML 5Page - Littelfuse SP0502BA Datasheet HTML 6Page - Littelfuse SP0502BA Datasheet HTML 7Page - Littelfuse SP0502BA Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
221
www.littelfuse .com
5
TVS Diode Arrays
SP0502BA, SP0503BA, SP0504BA, SP0505BA, SP0506BA
Surface Mount TVS Avalanche Diode Array
Electrical Specifications
TA = +25°C, Unless Otherwise Specified
PARAMETER
Reverse Standoff Voltage
Reverse Standoff Leakage Current
Signal Clamp Voltage
Positive
Negative
Clamp Voltage during ESD
MIL-STD-883 Method 3015 (HBM) test
8kV
8kV
ESD Test Level (1)
IEC-61000-2, Contact discharge
MIL-STD-883 Method 3015 (HBM)
Capacitance
Turn on/off Time
Temperature Range
Operating
Storage
Diode Dynamic Resistance
Forward Conduction
Reverse Conduction
TEST CONDITIONS
I = 10µA
V = 5.0V
I = 10mA
I = 10mA
2.5V @ 1Mhz
MIN
5.5
5.6
-1.2
20
30
-40
-65
MAX
-
100
8
-0.4
85
150
UNITS
V
nA
V
V
V
V
kV
kV
pF
ns
°C
°C
Ω
Ω
TYPICAL
-
1
6.8
-0.8
12
-8
30
<1
1.0
1.4
Note:
(1) ESD voltage applied between channel pins and ground, one pin at a time; all other channel pins are open; all ground pins are grounded.
Absolute Maximum Ratings
Storage Temperature Range
Parameter
Rating
Unit
Package Power Dissipation
SC70
SOT23-3, SOT23-5, SOT23-6, SOT143
TSSOP, MSOP
-65 to + 150
C
0.2
0.225
0.5
W
W
W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com