Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0502BA Datasheet(PDF) 1 Page - Littelfuse

Part # SP0502BA
Description  Surface Mount TVS Avalanche Diode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0502BA Datasheet(HTML) 1 Page - Littelfuse

  SP0502BA Datasheet HTML 1Page - Littelfuse SP0502BA Datasheet HTML 2Page - Littelfuse SP0502BA Datasheet HTML 3Page - Littelfuse SP0502BA Datasheet HTML 4Page - Littelfuse SP0502BA Datasheet HTML 5Page - Littelfuse SP0502BA Datasheet HTML 6Page - Littelfuse SP0502BA Datasheet HTML 7Page - Littelfuse SP0502BA Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
220
www.littelfuse .com
TVS Diode Arrays
Surface Mount TVS Avalanche Diode Array
SP0502BA, SP0503BA, SP0504BA, SP0505BA, SP0506BA
The surface mount family of arrays are designed to suppress ESD and
other transient overvoltage events. These arrays are used to meet the
International Electrotechnical Compatibility (IEC transient immunity stan-
dards IEC 61000-4-2 for Electrostatic Discharge Requirements). The
series are used to help protect sensitive digital or analog input circuits
on data, signal, or control lines with voltage levels up to 5VDC.
The monolithic silicon arrays are comprised of specially designed
structures for transient voltage suppression(TVS). The size and
shape of these structures have be tailored for transient protection.
The low capacitance and clamp voltage are ideal for high speed
signal line protection.
Ordering Information
Pinout
Part Number
SP0502BAHT
SP0503BAHT
SP0504BAHT
SP0505BAHT
SP0504BAAT
SP0506BAAT
SP0502BAJT
SP0504BAJT
SP0505BAJT
Quantity Per
Reel
3000
3000
3000
3000
3000
4000
3000
3000
3000
Package Type
SOT23
SOT143
SOT23-5
SOT23-6
TSSOP-8
MSOP-8
SC70-3
SC70-5
SC70-6
CH
2
3
4
5
4
6
2
4
5
1
2
3
1
2
3
4
6
5
8
76
5
4
3
2
1
1
2
3
4
1
2
3
4
5
8
76
5
4
3
2
1
SP0502BAHT
SP0502BAJT
SP0506BAAT
SP0504BAAT
SP0505BAHT
SP0505BAJT
SP0504BAHT
SP0504BAJT
SP0503BAHT
Features
• An Array of 2, 3, 4, 5 or 6 TVS Avalanche Diodes in a ultra small
SC70, SOT-23, SOT-143, MSOP or TSSOP packages
• ESD Capability Standards
IEC 61000-4-2, Direct Discharge . . . . . . . . . 20kV (Level 4)
IEC 61000-4-2, Air Discharge . . . . . . . . . . . 30kV (Level 4)
MIL STD 883 3015.7 . . . . . . . . . . . . . . . . . . . . . . . . . . 30kV
• Input Protection for Applications Up to 5VDC
• Fast Response Time . . . . . . . . . . . . . . . . . . . . . . . . . . . < 1ns
• Low Input Capacitance . . . . . . . . . . . . . . . . . . . . 30pF Typical
• Operating Temperature Range. . . . . . . . . . . . . -40°C to 85°C
Applications
• Mobile phone handsets
• Personal Digital Assistants (PDA)
• Portable handheld equipment (Laptop, Palmtop computers)
• Computer port, keyboard (USB1.1)
• Digital still cameras
• Digital video cameras
• MP3 players


Similar Part No. - SP0502BA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0502BAHT LITTELFUSE-SP0502BAHT Datasheet
125Kb / 8P
TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
SP0502BAHTG LITTELFUSE-SP0502BAHTG Datasheet
178Kb / 7P
SP050xBA Lead-Free/Green Series
SP0502BAHTG LITTELFUSE-SP0502BAHTG Datasheet
373Kb / 9P
30pF 30kV Unidirectional TVS Array
SP0502BAHTG LITTELFUSE-SP0502BAHTG Datasheet
1Mb / 9P
30pF 30kV Unidirectional TVS Array
SP0502BAHTG LITTELFUSE-SP0502BAHTG Datasheet
964Kb / 7P
8pF 15kV Unidirectional TVS Array
More results

Similar Description - SP0502BA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0502BAHT LITTELFUSE-SP0502BAHT Datasheet
125Kb / 8P
TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
logo
Bourns Electronic Solut...
CDSC706-0504F BOURNS-CDSC706-0504F Datasheet
330Kb / 4P
Surface Mount TVS Diode Array
logo
Weitron Technology
WOST04C WEITRON-WOST04C Datasheet
409Kb / 3P
Surface Mount TVS Diode Array
logo
Bourns Electronic Solut...
CDDFN10-0524P BOURNS-CDDFN10-0524P_12 Datasheet
335Kb / 4P
Surface Mount TVS Diode Array
CDMSP10-0504M BOURNS-CDMSP10-0504M Datasheet
402Kb / 6P
Surface Mount TVS Diode Array
CDSC706-0504C BOURNS-CDSC706-0504C_12 Datasheet
286Kb / 4P
Surface Mount TVS Diode Array
CDSOT236-0502 BOURNS-CDSOT236-0502 Datasheet
267Kb / 4P
Surface Mount TVS Diode Array
CDSOT563-0502 BOURNS-CDSOT563-0502 Datasheet
266Kb / 4P
Surface Mount TVS Diode Array
CDDFN10-0516P BOURNS-CDDFN10-0516P Datasheet
364Kb / 6P
Surface Mount TVS Diode Array
CDDFN10-3324P BOURNS-CDDFN10-3324P Datasheet
943Kb / 5P
Surface Mount TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com