Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2680L-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # P2680L-SH2-R
Description  Output Adjustable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P2680L-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  P2680L-SH2-R Datasheet HTML 1Page - Unisonic Technologies P2680L-SH2-R Datasheet HTML 2Page - Unisonic Technologies P2680L-SH2-R Datasheet HTML 3Page - Unisonic Technologies P2680L-SH2-R Datasheet HTML 4Page - Unisonic Technologies P2680L-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
P2680
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-A32.b
TYPICAL APPLICATION CIRCUIT
Figure 1. Shows an example UTC P2680 application circuit generating a 2.5V/2A output.
VIN
EN
GND
COMP
FB
SW
UTC
+
ON/OFF
2.5V/2A
VIN
CIN
CC1
2.2nF
RC1
8.2k
CC2
(Optional)
RF2
13k
RF1
12k
L1 10µH/3A
VOUT
COUT
22µF/10V
Ceramic, or
47µF/6.3 SP
Cap
CB 10nF
BST
CSS
0.1µF
SS
10µF/35V
Typical Compensation for Different Output Voltages and Output Capacitors
VOUT
COUT
RC1
CC1
CC2 (Note )
2.5V
22μF Ceramic
8.2kΩ
2.2nF
None
3.3V
22μF Ceramic
12kΩ
1.5nF
None
5V
22μF Ceramic
15kΩ
1.5nF
None
2.5V
47μF SP CAP
15kΩ
1.5nF
None
3.3V
47μF SP CAP
15kΩ
1.8nF
None
5V
47μF SP CAP
15kΩ
2.7nF
None
2.5V
470μF/6.3V/30mΩ
15kΩ
15nF
1nF
3.3V
470μF/6.3V/30mΩ
15kΩ
22nF
1nF
5V
470μF/6.3V/30mΩ
15kΩ
27nF
None
Note: CC2 is needed for high ESR output capacitor.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com