Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2680L-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P2680L-SH2-R
Description  Output Adjustable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P2680L-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P2680L-SH2-R Datasheet HTML 1Page - Unisonic Technologies P2680L-SH2-R Datasheet HTML 2Page - Unisonic Technologies P2680L-SH2-R Datasheet HTML 3Page - Unisonic Technologies P2680L-SH2-R Datasheet HTML 4Page - Unisonic Technologies P2680L-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P2680
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-A32.b
WIDE INPUT 2A
SYNCHRONOUS RECTIFIED
STEP-DOWN CONVERTER
DESCRIPTION
The UTC P2680 is a monolithic synchronous step-down, fixed
340kHz frequency, current-mode, PWM controller with an internal
power MOSFET. It achieves 2A continuous output current over a
wide input supply range from 4V to 26V with excellent load and line
regulation. Equipped with an external compensation pin, this device
offers user flexibility in determining loop dynamic.
Current mode control provides fast transient response and
cycle-by-cycle current limit. A PWM control circuit can provide the
duty ratio from 0 up to 90% linearly. An Under-Voltage-Lock-Output
(UVLO) circuit monitors the VIN supply voltage to prevent wrong
logic controls.
Additional under voltage protections monitor the
voltage on FB pin for short-circuit protections.
In application, the UTC P2680 is suitable for portable devices
when it works as an ideal power supply in SOP-8L package.
FEATURES
* 2A Output Current
*340KHz frequency of operation
* 4V~26V Input Voltage Range
* 20μA Shutdown Supply Current
* Output Adjustable
* Frequency FoldBack at Short Circuit
* VIN Under-voltage Lockout
* Thermal Shutdown
* OCP
* Programmable Soft-Start
* Up to 90% Efficiency
HSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
P2680L-SH2-R
P2680G-SH2-R
HSOP-8
Tape Reel
P2680L-SH2-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) SH2: HSOP-8
(3) L: Lead Free, G: Halogen Free
(3)Lead Free


Similar Part No. - P2680L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P2680-02 HAMAMATSU-P2680-02 Datasheet
174Kb / 4P
PbSe photoconductive detector
P2680-02 HAMAMATSU-P2680-02 Datasheet
93Kb / 4P
PbSe photoconductive detector
P2680-03 HAMAMATSU-P2680-03 Datasheet
174Kb / 4P
PbSe photoconductive detector
P2680-03 HAMAMATSU-P2680-03 Datasheet
93Kb / 4P
PbSe photoconductive detector
More results

Similar Description - P2680L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM317F3 CYSTEKEC-LM317F3 Datasheet
300Kb / 11P
Three Terminal Adjustable Output
logo
Texas Instruments
PT6120 TI1-PT6120_08 Datasheet
541Kb / 7P
Adjustable Output Voltage
PT6220 TI1-PT6220_13 Datasheet
527Kb / 7P
Adjustable Output Voltage
PT6420 TI1-PT6420_14 Datasheet
533Kb / 6P
Adjustable Output Voltage
PT6670 TI1-PT6670_14 Datasheet
205Kb / 5P
Adjustable Output Voltage
logo
STMicroelectronics
EVLPOWERSTEP01 STMICROELECTRONICS-EVLPOWERSTEP01 Datasheet
342Kb / 8P
Adjustable output slew rate
07-Oct-2014
A6727 STMICROELECTRONICS-A6727 Datasheet
1Mb / 29P
Adjustable output voltage
15-Jul-2013
logo
Artesyn Technologies
LPS360-M ARTESYN-LPS360-M Datasheet
852Kb / 3P
Adjustable main output
logo
Recom International Pow...
R-611.8X RECOM-R-611.8X Datasheet
91Kb / 4P
Adjustable Output Voltage
logo
Maxim Integrated Produc...
MAX17115EVKIT MAXIM-MAX17115EVKIT Datasheet
649Kb / 6P
Adjustable Output Voltages (External Resistors)
Rev 0; 12/09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com