Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPR Datasheet(PDF) 1 Page - TT Electronics.

Part # BPR
Description  Thin package for high density PCB installation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BPR Datasheet(HTML) 1 Page - TT Electronics.

  BPR Datasheet HTML 1Page - TT Electronics. BPR Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3W to 30W Planar Shock / Vibration
Proof High Power Resistors
BPR Series
Non-Inductiveplanarpackage
Highpowerdensity.
ThinpackageforhighdensityPCBinstallation.
Powerdissipatedabovetheboard.
RoHScompliant.
Superiorvibrationdurability
Applications
Idealforextrememechanicallystressedenvironments.
Powersupplypre-loadresistors.
UPSsystems
Snubberandpulsehandlingcircuits.
Pulsegeneratorloadresistors.
In-rushcurrentprotection
BleederResistors
Model
BPR3
BPR5
BPR7
BPR10
BPR30
Dim A
0.50
12.70
0.50
12.70
1.00
25.40
1.00
25.40
2.10
53.34
DimB
0.60
15.24
1.00
25.40
0.75
19.05
1.00
25.40
1.40
35.56
DimC
0.67
17.02
1.07
27.18
0.82
20.82
1.07
27.18
1.47
37.34
Dim D
0.30
7.62
0.30
7.62
0.80
20.32
0.80
20.32
1.90
48.26
Lead:TinPlatedCopperAlloy
Substrate:96%Alumina
Resistor:ThickFilm
Specification,DimensionsandMaterials
Items
Specification
Conditions
PowerRating
3W,5W,7W,10W,&30W
@ambienttemp<70°C
OperatingVoltageMax
300Vac,500VDC
ResistanceRange
0.1Ωto200KΩ
Extendedresistancerangeavailable.
TCR
100ppm/°C
For-55to+155°Candabove1Ω
Tolerance
+/-5%,optional1%,2%
OperatiingTemp.Range
-55-+155°C
DielectricWithstandVoltage
5KVminimum
MechanicalShock
ΔR+/-0.25%
100G.
LoadLife
ΔR+/-2.0%
70°C,90min.ON,30min.OFF,1000hours.
Humidity
ΔR+/-0.5%
85°C,85%RH,DC0.1W,1000hours.
TemperatureCycle
ΔR+/-0.5%
-55°C,30min.,+155°C30min.,5cycles.
SolderHeat(Max)
ΔR+/-0.25%
250+/-5°C,10seconds,
Solderability
Min95%coverage
230+/-5°C,5seconds.
InsulationResistance
Over1000MΩ
Betweenterminalsandmetalbackplate.
Vibration
ΔR+/-0.25%
20G,10Hzto2KHz.
Notes:
1.Contactfactoryforcustomproducts,non-standardvaluesandtolerances.
Specificationssubjecttochangewithoutnotice
Dim. A ±.005
±
0.13
Dim. B ±.005
±
0.13
Dim. D ±.015
±
0.38
Dim. C ±.020
±
0.51
.020±.005
0.51±0.13
.040±.005
1.02±0.13
.040±.005
1.02±0.13
.200±.002
5.08±0.05
.200±.020
5.08±0.51
BPR
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
04.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn


Similar Part No. - BPR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BPR BITECH-BPR Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
logo
KOA Speer Electronics, ...
BPR KOA-BPR Datasheet
378Kb / 2P
Power type current detecting resistors
logo
IDEM Safety Switches
BPR IDEM-SAFETY-BPR Datasheet
1Mb / 2P
Non Contact Magnetic Safety Switches
Jun 21
logo
Multicomp Pro
BPR-1000 MULTICOMP-BPR-1000 Datasheet
164Kb / 1P
Cable Tie Kit
25/08/22 V1.0
BPR-1001 MULTICOMP-BPR-1001 Datasheet
164Kb / 1P
Cable Tie Kit
25/08/22 V1.0
More results

Similar Description - BPR

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
070431FB SUYIN-USA-070431FB Datasheet
218Kb / 1P
ULTRA THIN D-SUB HIGH DENSITY
070435FR SUYIN-USA-070435FR Datasheet
185Kb / 1P
ULTRA THIN D-SUB HIGH DENSITY FOR VESA DDC
logo
DB Lectro Inc
6D-1A DBLECTRO-6D-1A Datasheet
710Kb / 2P
PCB High Density
logo
Shanghai Leiditech Elec...
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
Small package size suitable for high-density applications
BZT52C5V6 LEIDITECH-BZT52C5V6 Datasheet
928Kb / 3P
Small package size suitable for high-density applications
BZT52C56 LEIDITECH-BZT52C56 Datasheet
895Kb / 3P
Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
Small package size suitable for high-density applications
BZT52C82 LEIDITECH-BZT52C82 Datasheet
912Kb / 3P
Small package size suitable for high-density applications
logo
Molex Electronics Ltd.
1731130145 MOLEX-1731130145 Datasheet
298Kb / 2P
PCB HOLE PATTERN FOR HIGH-DENSITY, RCPT STRAIGHT
2017/03/31
1731121745 MOLEX-1731121745 Datasheet
22Kb / 1P
FCT Installation and Removal Tool for High-Density Contacts
09/06/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com