Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPR Datasheet(PDF) 2 Page - TT Electronics.

Part # BPR
Description  Thin package for high density PCB installation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BPR Datasheet(HTML) 2 Page - TT Electronics.

  BPR Datasheet HTML 1Page - TT Electronics. BPR Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BI Technologies IRC Welwyn
3W to 30W Planar Shock / Vibration Proof
High Power Resistors
BPR Series
DeratingCurve
OrderingInformation
BPR10500F
Model
PowerRating
3:3W,
5:5W
7:7W
10:10W
30:30W
ResistanceCodeTolerance
50Ω:500Firsttwodigitssignificant,lastdigit:numberoftrailing
zeros
Tolerance
J=5%Tol
G=2%Tol
F=1%Tol
% Power Rating
100
80
60
40
20
70°C
+155°C
0
04.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Ambient Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com