Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2 Datasheet(PDF) 2 Page - TT Electronics.

Part # CC2
Description  Hot moulded carbon composition
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CC2 Datasheet(HTML) 2 Page - TT Electronics.

  CC2 Datasheet HTML 1Page - TT Electronics. CC2 Datasheet HTML 2Page - TT Electronics. CC2 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0%
20%
40%
60%
80%
100%
120%
01020
1.2/50 PeakVoltage /kV
0%
20%
40%
60%
80%
100%
120%
01020
1.2/50 PeakVoltage /kV
MEAN
MIN
MAX
0%
20%
40%
60%
80%
100%
120%
01020
1.2/50 PeakVoltage /kV
CCR1-2K2
MEAN
MIN
MAX
0%
20%
40%
60%
80%
100%
120%
01020
1.2/50 PeakVoltage /kV
MEAN
MIN
MAX
CC1240R
CC11K0
CC1& CC2 2K2
CC1 15K
MEAN
Pulse Performance
Thegraphsbelowshowthevaluechangesresultingfromapplyingmultiplepulsesofincreasingpeakvoltage.Thepulseshapewas
1.2/50μSasdefinedinIEC6100-4-5/ANSIC62.41.Thehighestvoltageplottedoneachgraphrepresentsthemaximumpeakvoltagefor
thatresistancevalue.
Typical
Loadatratedpower1000hrs@25°C
±ΔR%
8
Dryheat1000hrs@125°C
±ΔR%
8
Long Pulse 100ms at 60 x Rated Power
±ΔR%
2
Shorttermoverload2sat6.25xRatedPower
±ΔR%
2
Deratingfromratedpower@25°C
Zeroat125°C
Climaticsequence
±ΔR%
8
Vibration
±ΔR%
2
Temperature rapid change
±ΔR%
2
Resistance to solder heat
±ΔR%
2
Isolationvoltage
V
500V
Performance Data
Make Possible
Carbon Composition Resistors
CC Series
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com