Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2 Datasheet(PDF) 1 Page - TT Electronics.

Part # CC2
Description  Hot moulded carbon composition
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CC2 Datasheet(HTML) 1 Page - TT Electronics.

  CC2 Datasheet HTML 1Page - TT Electronics. CC2 Datasheet HTML 2Page - TT Electronics. CC2 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Carbon Composition Resistors
CC Series
Hotmouldedcarboncomposition
High pulse voltage and energy capability
Non-inductive
CC1
CC2
Powerratingat25°C
watts
1
2
Resistance range
ohms
100R–50K
100R–10K
Maximum pulse voltage
volts
See pulse graphs
TCR(20to70°C)
ppm/°C
< ±1000
Resistance Tolerance
%
10 or 20 *
Standard Values
E12
Ambient temperature range
°C
-55to125
Thermal Impedance
°C/watt
51
28
Dimensions(mm)&Weight(g)
Type
L
D
d
f
Wt.nom.
CC1
15+1.5/-0.5
6+0.2/-0.1
0.8±0.05
28 ±1
1.1
CC2
18+1.5/-0.5
8+0.2/-0.1
1.0±0.05
28 ±1
2.4
Construction
CC series resistors are produced using a hot moulded
carboncompositionmaterialwhichisvariedtoproduce
therequiredresistancevalue.Theleadsaremoulded
intotheresistor.Finallythesearecoatedandband
marked.
Solvent Resistance
Thebodyprotectionandmarkingareresistanttoallnormal
industrialcleaningsolventssuitableforprintedcircuits.
Marking
CCseriesresistorsarecolourcoded.Resistorswith20%tolerance
havethreebandsindicatingvalue,andresistorswith10%
tolerancehavefourbandsindicatingvalueandtolerancein
accordancewithIEC62.
*Toleranceappliestodateofmanufacture.Asinallcarboncompositionpartsvaluedriftinstorageispossible.Thisistypically±3%inoneyearand±5%in2years.
Electrical Data
Physical Data
Make Possible
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - CC2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CC2 VISHAY-CC2 Datasheet
109Kb / 3P
Thin Film 0303 Size Resistor on Alumina
05-Apr-13
logo
MICORO CRYSTAL SWITZERL...
CC2 MICROCRYSTAL-CC2 Datasheet
948Kb / 3P
Polyester 0.061 mm
logo
Cooper Bussmann, Inc.
CC20-SMA COOPER-CC20-SMA Datasheet
254Kb / 1P
CSD-SMA-2500 Surge Diverter
logo
CoolCox Limited All rig...
CC2006 COOLCOX-CC2006 Datasheet
344Kb / 1P
DC Axial Fan 20x20x6mm
CC2006H03SH COOLCOX-CC2006H03SH Datasheet
344Kb / 1P
DC Axial Fan 20x20x6mm
More results

Similar Description - CC2

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
WS Series Hot-Molded Carbon Composition Potentiometer
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
Carbon Composition Potentiometer
logo
List of Unclassifed Man...
30BJ250-1K ETC2-30BJ250-1K Datasheet
85Kb / 3P
Carbon Composition Resistors
logo
Token Electronics Indus...
CCR1W120RKP TOKEN-CCR1W120RKP Datasheet
347Kb / 3P
CCR Carbon Composition Resistors
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
Carbon Composition Resistors
logo
List of Unclassifed Man...
RC20GF102J ETC2-RC20GF102J Datasheet
189Kb / 2P
Carbon Composition Resistor
RC07GF913J ETC2-RC07GF913J Datasheet
1Mb / 15P
Hot-Molded Carbon Composition Fixed Resistors
logo
TT Electronics.
CC1-6K8KB24 TTELEC-CC1-6K8KB24 Datasheet
293Kb / 3P
Carbon Composition Resistors
logo
Token Electronics Indus...
CCR TOKEN-CCR Datasheet
575Kb / 6P
Carbon Composition Resistors
logo
Stackpole Electronics, ...
RC_SERIES SEI-RC_SERIES Datasheet
703Kb / 11P
Carbon Composition Resistor
9/15/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com