Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC Datasheet(PDF) 2 Page - TT Electronics.

Part # HVC
Description  Robust thick film construction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HVC Datasheet(HTML) 2 Page - TT Electronics.

  HVC Datasheet HTML 1Page - TT Electronics. HVC Datasheet HTML 2Page - TT Electronics. HVC Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Voltage
Chip Resistors
HVC Series
High Voltage
Chip Resistors
HVC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
07.11
Welwyn Components
85
l
a
c
i
p
y
T
m
u
m
i
x
a
M
Load at rated power: 1000 hours rated load @ 70°C
∆R%
1206: 2
1206: 1
2010/2512: 1
2010/2512: 0.25
Shelf life test: 12 months at room temperature
2
0
.
0
1
.
0
%
R
C
°
5
5
1
t
a
o
r
e
Z
C
°
0
7
t
a
r
e
w
o
p
d
e
t
a
r
m
o
r
f
g
n
it
a
r
e
D
Short term overload: Lesser of 6.25 x rated power or Maximum overload voltage
2
.
0
2
%
R
Lightning strike: 1.2/50µs & 10/700µs - see graph for peak voltage
2
.
0
5
.
0
%
R
Dry heat: 1000 hours at 155°C
1
.
0
5
.
0
%
R
Long term damp heat
5
2
.
0
1
%
R
Temperature rapid change
5
0
.
0
5
2
.
0
%
R
Resistance to solder heat
Resistance to sulphur-bearing gas (AS version only): ASTM-B-809
0.25
0.05
5
0
.
0
5
2
.
0
%
R
0
0
5
s
tl
o
V
f
o
o
r
p
e
g
a
tl
o
V
1206: -25
1206: -15
V
/
m
p
p
e
c
n
a
t
s
i
s
e
r
f
o
t
n
e
i
c
if
f
e
o
c
e
g
a
tl
o
V
2010: -15
2010: -5
Performance Data
Construction
Resistive thick film material, overglaze and organic
protection are screen printed on a 96% alumina substrate.
The design and laser adjustment of the resistive element
optimises the limiting element voltage of the resistor.
Terminations
The chips are supplied with wrap-around terminations
suitable for soldering. Consult factory for alternative
termination options.
Solderability
The terminations have an electroplated nickel barrier and tin
finish. This ensures excellent ‘leach’ resistance properties and
solderability.
Marking
The body protection is resistant to all normal cleaning solvents
suitable for printed circuits. The chips are not marked and the
relevant information on type, value, tolerance date code and
quantity are recorded on the reel.
2512
≤100M: -5
2512 >100M: -15
2512
≤100M: -1.5
2512 >100M: -8
0
500
1000
1500
2000
2500
3000
3500
0.01
0.1
1
10
100
1000
Resistance Value (MΩ)
Maximum Continuous Voltage
HVC1206
HVC2010
HVC2512
Commodity Chip
0.01
0.1
1
10
100
1000
Resistance Value (MΩ)
Lightning Strike Performance
1206-1.2/50µs
1206-10/700µs
2010-1.2/50µs
2010-10/700µs
2512-1.2/50µs
2512-10/700µs
2
4
6
8
0
Note: maximum peak voltage tested was 6kV; performance beyond this is estimated.
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com