Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC Datasheet(PDF) 3 Page - TT Electronics.

Part # HVC
Description  Robust thick film construction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HVC Datasheet(HTML) 3 Page - TT Electronics.

  HVC Datasheet HTML 1Page - TT Electronics. HVC Datasheet HTML 2Page - TT Electronics. HVC Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type
Size
TCR
Termination
Value (use IEC62 code)
Tolerance (use IEC62 code)
Packing
D
0.5%
J
5%
F
1%
K
10%
G
2%
T3
Tape
1206 or 2010
3000/reel
Standard
T18
2512
1800/reel
2.5
± 0.5
13
± 0.5
33
± 1.0
Marking
(Both sides)
0.8
± 0.15
Wr
P1
A0
D1
D0
P0
P2
T2
T1
K0
T
High Voltage
Chip Resistors
HVC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
01.11
Welwyn Components
86
Packaging
HVC Resistors are supplied taped and reeled as per IEC 286-3.
Tape and reel dimensions (mm)
Qty.
Wr
W
P1
P0
P2
D0
D1
E
F
A0
B0
K0
T
T1
T2
per
±0.5
±0.3
±0.1
±0.1
±0.05
±0.1
±0.2
±0.1
±0.05
±0.1
±0.1
±0.1
±0.05
Nom. ±0.15
reel
1206
9
8
4
4
2
1.5
1
1.75
3.5
1.95
3.55
1.0
0.2
0.05
1.3
3000
2010
13
12
8
4
2
1.5
1.5
1.75
5.5
2.79
5.89
0.91
0.28
0.06
1.21
3000
2512
13
12
8
4
2
1.5
1.5
1.75
5.5
3.61
6.96
1.17
0.28
0.06
1.45
1800
Ordering Procedure
Example: HVC2512 at 4.7 megohms and 1% tolerance on a reel of 1800 pieces -
Application Notes
HVC resistors are ideally suited for handling by automatic
methods due to their rectangular shape and the small
dimensional tolerances. Electrical connection to a ceramic
substrate or to a printed circuit board can be made by reflow
or wave soldering of wrap-around terminations.
Wrap-around terminations provide good leach properties and
ensure reliable contact. Due to the robust construction, the
HVC can be immersed in the solder bath for 30 seconds at
260°C. This enables the resistor to be mounted on one side
of a printed circuit board and wire-leaded components
applied on the other side.
HVC resistors themselves can operate at a maximum
temperature of 155°C (see performance above). For soldered
resistors, the joint temperature should not exceed 110°C. This
condition is met when the stated power levels at 70°C are used.
The PCB layout should avoid tracks running between the HVC
mounting pads, as this would compromise the LEV.
The LEV stated applies to operation at sea-level pressure, in a
non-condensing atmosphere and non-contaminating
environment. Voltage derating should be applied if low
pressure, high humidity or contamination may be encountered.
The termination clearance dimension (B) should be used in
conjunction with the creepage limit applicable to the circuit
application in order to determine the derated LEV.
AS
Standard terminations
Anti-sulphur terminations
C
100ppm/°C
50ppm/°C
High Voltage
Chip Resistors
HVC Series
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com