Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAS Datasheet(PDF) 1 Page - TT Electronics.

Part # LAS
Description  0.1 ohm to 18K ohms
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LAS Datasheet(HTML) 1 Page - TT Electronics.

  LAS Datasheet HTML 1Page - TT Electronics. LAS Datasheet HTML 2Page - TT Electronics. LAS Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low Cost Semi-Precision
Power Wirewound Resistor
LAS Series
1 and 3 watts
0.1 ohm to 18K ohms
Color band identification
±5%, ±3%, ±1%, ±.5% tolerance
Resistance wire TCR ±20 ppm/°C
RoHS-compliant version available
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Low Cost Semi-Precision
Power Wirewound Resistor
LAS Series
• 1 and 3 watts
• 0.1 ohm to 18K ohms
• Color band identification
• ±5%, ±3%, ±1%, ±.5% tolerance
• Resistance wire TCR ±20 ppm/°C
• RoHS-compliant version available
Electrical Data
IRC
Type
Power Rating 275°C
Max. Hot Spot
Commercial Range
(ohms)
Non-Inductive Range
(ohms)
Available Resistance
(ohms)
125°C
25°C
Min.
Max.
Min.
Max.
0.5%, 1%
3%, 5%
LAS-1
1
2
0.1
7.5K
0.1
3.8K
1 - 7.5K
0.1 - 7.5K
LAS-3
2
3
0.1
18K
0.2
7.5K
1 - 18K
0.1 - 18K
Test Condition (@ 25°C)
Max
∆R
Load Life 1000 hours
1.0%
Moisture Resistance
1.0%
Temperature Cycle
0.5%
Short Time Overload
0.5%
Low Temperature Operation
0.5%
Solder Heat
0.25%
Shock
0.5%
Vibration
0.5%
Environmental Data
�ll welded
cap and lead
Heat conductin�
ceramic substrate
Silicone
con�ormal coatin�
Colorband
�ar�in�
�llo� resistance wirewound
to speci�ic parameters includin�
TCR�s �rom ±20 to �5500 ppm/°C
LAS Series Issue October 2008 Sheet 1 of 3
LAS-3 Carbon Comp Replacement (contact factory)
The L�S-3 is a three watt con�ormal coated precision wirewound resistor. The resistance wire is welded to the end caps and
wound on alumina rod �or �ood thermal conductivit�. In circuit applications that utilize two watt carbon comp resistors the L�S-3
is an idead e��ective replacement. The L�S-3 5.6 ohm can be specificall� desi�ned to withstand 22 jooules o� ener�� delivered
b� a 1000 volt 10 x 1000 usec wave shape pulse.
Special L�S-3 5.6 ohm to 100 ohm will meet
Telecom GR-1089 li�htnin� requirements.
• V = 1000 volts
• T1 = 10 usec rise
• T2 = 1000 usec to V2
• 10 ohm output impedance
MICROSECONDS
T2
LIGHTNING SURGE
T1
0
V2
V
Make Possible
Resistors
All Pb-free parts comply with EU Directive 2011/65/EU (RoHS2)
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - LAS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAS NICHICON-LAS Datasheet
1Mb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
Littelfuse
LAS LITTELFUSE-LAS Datasheet
159Kb / 1P
24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
logo
IRC - a TT electronics ...
LAS-12001DLF IRCTT-LAS-12001DLF Datasheet
218Kb / 3P
Low Cost Semi-Precision Power Wirewound Resistor
LAS-12001FLF IRCTT-LAS-12001FLF Datasheet
218Kb / 3P
Low Cost Semi-Precision Power Wirewound Resistor
LAS-12001HLF IRCTT-LAS-12001HLF Datasheet
218Kb / 3P
Low Cost Semi-Precision Power Wirewound Resistor
More results

Similar Description - LAS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDID5B STMICROELECTRONICS-STDID5B Datasheet
113Kb / 6P
N - CHANNEL 55V - 0.1 ohm - 12A TO-252 STripFET POWER MOSFET
May-2000
logo
TT Electronics.
PPW TTELEC-PPW Datasheet
280Kb / 2P
resistance to or1 ohms to 5k ohms
RLR TTELEC-RLR Datasheet
254Kb / 3P
4.3 ohms to 3.01M ohms
logo
List of Unclassifed Man...
881 ETC2-881 Datasheet
79Kb / 1P
Measures ESR with a range of 0.1 to 30 ohms
logo
M-System Co.,Ltd.
18KDY MSYSTEM-18KDY Datasheet
115Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDYH2 MSYSTEM-18KDYH2 Datasheet
133Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJDL MSYSTEM-18KJDL Datasheet
144Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJR MSYSTEM-18KJR Datasheet
108Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYCH MSYSTEM-18KYCH Datasheet
108Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYV MSYSTEM-18KYV Datasheet
93Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com