Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAS Datasheet(PDF) 3 Page - TT Electronics.

Part # LAS
Description  0.1 ohm to 18K ohms
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LAS Datasheet(HTML) 3 Page - TT Electronics.

  LAS Datasheet HTML 1Page - TT Electronics. LAS Datasheet HTML 2Page - TT Electronics. LAS Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Low Cost Semi-Precision
Power Wirewound Resistor
LAS Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
Type
LAS
Power
3 = 3 watts
1 = 1 watt
Resistance Value
Expressed in ohms
(Standard EIA/MIL Values)
Tolerance
J = ±5%, H = ±3%, F = ±1%, D = ±0.5%
Lead-Free Construction
Ordering Data
LAS - 3
2001
J
LF
Pulse-Handling Capability @ 25°C
0.1
0.2
0.5
1
2
5
10
Resistance (ohms)
12
10
8
6
4
0
2
LAS3
LAS1
14
Low Cost Semi-Precision
Power Wirewound Resistor
25
75
125
175
225
275
200
175
150
125
100
75
Ambient Temperature (°C)
Power Derating Curve
LAS3
LAS1
LAS Series Issue October 2008 Sheet 3 of 3
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com