Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPW Datasheet(PDF) 1 Page - TT Electronics.

Part # LPW
Description  3 watts to 15 watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LPW Datasheet(HTML) 1 Page - TT Electronics.

  LPW Datasheet HTML 1Page - TT Electronics. LPW Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Extremely Low Resistance
Power Wirewounds
LPW Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
02.14
· 3 watts to 15 watts
· 0.005 ohm to 0.15 ohm
· ±1%, ±2, ±3, ±5, ±10% tolerance
· TC’s from 30 ppm/°C to +500 ppm/°C
(range dependant)
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Extremely Low Resistance
Power Wirewounds
Electrical Data
LPW Series
• 3 watts to 15 watts
• 0.005 ohm to 0.15 ohm
• ±1%, ±2, ±3, ±5, ±10% tolerance
• TC’s from 30 ppm/°C to +500 ppm/°C (range dependant)
IRC
Type
Power @ 25°C
(watts)
Resistance Range
(ohms)
LPW-3
3
.005 TO .15
LPW-5
5
.005 TO .15
LPW-7
7
.01 TO .15
LPW-10
10
.01 TO .15
LPW-15
15
.01 TO .15
Please note: When ordering the alternate configuration please add an "A" after the part number. (LPW-3A)
Standard Configuration
Alternate Configuration
Dimensions (Inches (mm))
IRC
Type
L
±.063 (1.6)
W
±.03 (.8)
H
±.03 (.8)
D - Diameter
±.002 (.05)
E
±.03 (.8)
LPW-3
.88 (22.4)
.31 (7.87)
.31 (7.87)
.040
.38 (9.65)
LPW-5
.88 (22.4)
.38 (9.65)
.35 (8.89)
.040
.41 (10.4)
LPW-7
1.39 (35.3)
.38 (9.65)
.35 (8.89)
.040
.47 (11.9)
LPW-10
1.88 (47.8)
.38 (9.65)
.35 (8.89)
.040
.47 (11.9)
LPW-15
1.88 (47.8)
.50 (12.7)
.50 (12.7)
.040
.63 (16.0)
L
D
.75
”
Min.
0.125
” Max.
H
W
E
-Inductance less than 10 nanohenries
NOTE: Standard test points for LPW-3 and LPW-5 are 1.75 in.
(44.45mm); test points for LPW-7, LPW-10, LPW-15 are 2.500 in.
(63.50mm). Consult factory for application.
�ireproof high temperature
ceramic case
Inorganic
fireproof
encapsulation
All welded
terminations
LPW Series Issue October 2008 Sheet 1 of 2
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Extremely Low Resistance
Power Wirewounds
Electrical Data
LPW Series
• 3 watts to 15 watts
• 0.005 ohm to 0.15 ohm
• ±1%, ±2, ±3, ±5, ±10% tolerance
• TC’s from 30 ppm/°C to +500 ppm/°C (range dependant)
IRC
Type
Power @ 25°C
(watts)
Resistance Range
(ohms)
LPW-3
3
.005 TO .15
LPW-5
5
.005 TO .15
LPW-7
7
.01 TO .15
LPW-10
10
.01 TO .15
LPW-15
15
.01 TO .15
Please note: When ordering the alternate configuration please add an "A" after the part number. (LPW-3A)
Standard Configuration
Alternate Configuration
Dimensions (Inches (mm))
IRC
Type
L
±.063 (1.6)
W
±.03 (.8)
H
±.03 (.8)
D - Diameter
±.002 (.05)
E
±.03 (.8)
LPW-3
.88 (22.4)
.31 (7.87)
.31 (7.87)
.040
.38 (9.65)
LPW-5
.88 (22.4)
.38 (9.65)
.35 (8.89)
.040
.41 (10.4)
LPW-7
1.39 (35.3)
.38 (9.65)
.35 (8.89)
.040
.47 (11.9)
LPW-10
1.88 (47.8)
.38 (9.65)
.35 (8.89)
.040
.47 (11.9)
LPW-15
1.88 (47.8)
.50 (12.7)
.50 (12.7)
.040
.63 (16.0)
L
D
.75
”
Min.
0.125
” Max.
H
W
E
-Inductance less than 10 nanohenries
NOTE: Standard test points for LPW-3 and LPW-5 are 1.75 in.
(44.45mm); test points for LPW-7, LPW-10, LPW-15 are 2.500 in.
(63.50mm). Consult factory for application.
�ireproof high temperature
ceramic case
Inorganic
fireproof
encapsulation
All welded
terminations
LPW Series Issue October 2008 Sheet 1 of 2
NOT RECOMMENDED FOR NEW DESIGNS


Similar Part No. - LPW

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
LPW-1051202F IRCTT-LPW-1051202F Datasheet
202Kb / 2P
Extremely Low Resistance Power Wirewounds
LPW-1051202G IRCTT-LPW-1051202G Datasheet
202Kb / 2P
Extremely Low Resistance Power Wirewounds
LPW-1051202H IRCTT-LPW-1051202H Datasheet
202Kb / 2P
Extremely Low Resistance Power Wirewounds
LPW-1051202J IRCTT-LPW-1051202J Datasheet
202Kb / 2P
Extremely Low Resistance Power Wirewounds
LPW-1051202K IRCTT-LPW-1051202K Datasheet
202Kb / 2P
Extremely Low Resistance Power Wirewounds
More results

Similar Description - LPW

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C ASTEC-AA10C Datasheet
1Mb / 2P
10/15 Watts
AEE04F18 ASTEC-AEE04F18 Datasheet
107Kb / 2P
15 Watts
AK40A ASTEC-AK40A Datasheet
125Kb / 2P
15 Watts
AK42A-024L-033D025SM ASTEC-AK42A-024L-033D025SM Datasheet
1Mb / 2P
15 Watts
logo
XP Power Limited
JCM2024S3V3 XPPOWER-JCM2024S3V3 Datasheet
119Kb / 2P
15/20 Watts
logo
Artesyn Technologies
LDO03C-005W05-VJ ARTESYN-LDO03C-005W05-VJ_14 Datasheet
786Kb / 4P
POWER 15 Watts
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
POWER 15 Watts
logo
XP Power Limited
JTH15 XPPOWER-JTH15 Datasheet
120Kb / 2P
15 Watts JTH Series
logo
TT Electronics.
4LPW TTELEC-4LPW Datasheet
282Kb / 2P
3 watts to 15 watts
PLO TTELEC-PLO Datasheet
374Kb / 2P
3 watts to 15 watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com