Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRMA Datasheet(PDF) 1 Page - TT Electronics.

Part # LRMA
Description  Low thermal EMF version
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LRMA Datasheet(HTML) 1 Page - TT Electronics.

  LRMA Datasheet HTML 1Page - TT Electronics. LRMA Datasheet HTML 2Page - TT Electronics. LRMA Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low Resistance
Metal Alloy Resistor
LRMA Series
Resistancerange0.5mΩto300mΩ
Hightemperatureoperationto170°C
LowthermalEMFversion
Highpowerversion
Currentsensingforpowerelectronics
RoHScompliant&halogenfree
AEC-Q200qualified
Low Resistance Metal Alloy Resistor
LRMA Series
•
Resistance range 1 to 100mΩ
•
High temperature operation to 170°C
•
Low thermal EMF version
•
High power version
•
Current sensing for power electronics
•
RoHS compliant & halogen free
Electrical Data
LRMA Version
T (Standard)
P (Power)
Size
2512
2010
2512
Power rating @70°C
W
≤
R01: 2, >R01: 1
≤R10: 3, >R10: 2
Overload rating (5s)
W
≤
R01: 10, >R01: 5
≤R10: 15, >R10: 10
Resistance range
mΩ
1 to 100
0.5 to 300
Standard values 1
mΩ
1.5
7.5
5 to 100
5, 6, 10, 15,
20, 50, 100
Cu-Ni / Mn-Cu
Cu-Ni
1, 1.5, 2, 3, 3.5, 4, 5, 6, 7, 8, 10, 11, 12,
15, 18, 20, 25, 30, 33, 35, 40, 50, 100
Resistance tolerance
%
1, 5
TCR (25 to 125°C)
ppm/°C ≥R01: ±75
>R001 & <R01: ±100,
R
≤ 001: ±275
Ambient temperature
°C
-55 to 170
Insulation resistance
MΩ
>100
Element alloy
Coating
Black
LRMA Version
M (Low thermal EMF)
N (Inverse)
Size
1206
0805
2512
0815
0612
Power rating @70°C
W
1
0.5
2.5
±100
5 to 25
0.5 to 60
3 to 30
1 to 3
1, 3
1 to 50
5, 6, 8,9,
10, 20, 25
≥R001 & ≤R003
≥R002
<R001
<R002
>R003
0.5, 0.75, 1, 1.5, 2, 3.5, 5,
10, 20, 25, 30, 40, 50, 60
3, 4, 5, 10,
15, 20, 25, 30
1,1.2,2,3,4,5,6,7,8,9,10,12,14,
15,18,20,22,25,30,39,40,50
≤
R01: 2, >R01: 1
1 2
Overload rating (5s)
W
5
≤
R01: 10, >R01: 5
5
Resistance range
mΩ
Standard values 1
mΩ
Resistance tolerance
%
1, 5
TCR (25 to 125°C)
ppm/°C
≥
R01: ±75,
±100
Ambient temperature
-55 to 170°C
Insulation resistance
MΩ
>100
Element alloy
Mn-Cu
Mn-Cu / Cu-Ni
Coating
Black
Green
Black
Notes: 1. Non-standard values may be available for high volume requirements. 2. Requires 300mm2 copper pad & trace area
Physical Data (All dimensions in mm and nominal weight in mg)
Size
L
C
t
Wt
0805
1206
1206
0612
0815
2010
2512
2512
2512
>R001 &
<
R01: ±100 ≤R001: ±275
W
±50
±50
0.5, 0.75, 1, 1.1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 11, 12, 15, 18, 20, 22,
25, 27, 30, 33, 39, 40, 45, 47, 50, 57, 60, 68, 70, 75, 80, 85, 90,
100, 120, 130, 140, 150, 180, 200, 220, 240, 250, 270, 280, 300
2.0 ±0.1
3.2 ±0.2
1.7±0.2
2.1 ±0.25
5.0 ±0.2
6.4 ±0.2
1.25 ±0.1
1.6 ±0.2
3.2±0.2
3.75 ±0.3
2.5 ±0.2
0.4 ±0.2
0.5 ±0.3
0.4±0.2
0.5 ±0.2
0.6 ±0.3
2.6 ±0.2
2.0 ±0.2
0.9 ±0.2
3.2 ±0.2
0.6 ±0.2
0.6 ±0.2
1.1 ±0.3 0.75 ±0.2
0.6 ±0.2
0.7 ±0.2
0.6 ±0.2
0.65 ±0.25
5.5
18.3
12.9
14.1
35.6
57 to 63
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
07.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn


Similar Part No. - LRMA

ManufacturerPart #DatasheetDescription
logo
RFE international
LRMA RFE-LRMA Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
LRMA080505D0M20FA RFE-LRMA080505D0M20FA Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
LRMA080505D0M20FZ RFE-LRMA080505D0M20FZ Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
LRMA080505D0M20MA RFE-LRMA080505D0M20MA Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
LRMA080505D0M20MZ RFE-LRMA080505D0M20MZ Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
More results

Similar Description - LRMA

ManufacturerPart #DatasheetDescription
logo
Coto Technology
3501-05-1-0 COTO-3501-05-1-0 Datasheet
337Kb / 2P
Low Thermal EMF Reed Relays
3602-05-92 COTO-3602-05-92 Datasheet
309Kb / 2P
Low Thermal EMF Reed Relays
logo
RHOPOINT COMPONENTS
3501 RHOPOINT-3501 Datasheet
63Kb / 2P
Low Thermal EMF Reed Relays
3602 RHOPOINT-3602 Datasheet
51Kb / 2P
Low Thermal EMF Reed Relays
logo
Pomona Electronics
2305 POMONA-2305 Datasheet
23Kb / 1P
Insulated Low Thermal EMF Spade Lug
5291A POMONA-5291A Datasheet
155Kb / 1P
Low Thermal EMF Retractable Sheath Banana Plug Patch Cord
logo
DB Lectro Inc
20D-1A DBLECTRO-20D-1A Datasheet
736Kb / 2P
DC characteristics, high frequency, high insulation resistance, and EMF/Low thermal voltage
54D DBLECTRO-54D Datasheet
264Kb / 2P
PCB Mount / EMF
logo
Coto Technology
3500 COTO-3500 Datasheet
648Kb / 2P
3500 SERIES/LOW THERMAL EMF REED RELAYS
3600 COTO-3600 Datasheet
1Mb / 2P
3600 SERIES/LOW THERMAL EMF REED RELAYS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com